Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 69 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 65Page - Texas Instruments TMS570LS Datasheet HTML 66Page - Texas Instruments TMS570LS Datasheet HTML 67Page - Texas Instruments TMS570LS Datasheet HTML 68Page - Texas Instruments TMS570LS Datasheet HTML 69Page - Texas Instruments TMS570LS Datasheet HTML 70Page - Texas Instruments TMS570LS Datasheet HTML 71Page - Texas Instruments TMS570LS Datasheet HTML 72Page - Texas Instruments TMS570LS Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
7.1.3
Validated FMPLL Setting
The following table includes the validated FMPLL settings.
Table 7-2. Validated FMPLL Settings
OSC_IN Frequency
FMPLL Output
Modulation
PLLCTL1
PLLCTL2
Modulation Depth
(MHz)
Frequency(MHz)
Bandwidth (KHz)
10
0x20049500
0x82409253
150
100
0.5%
10
0x20049500
0x8300B240
150
77
0.5%
10
0x20048600
0x8240925C
135
100
0.5%
10
0x20048600
0x8300B247
135
77
0.5%
10
0x20048600
0x824092B9
135
100
1.0%
10
0x20048D80
0x8300B443
95
77
0.5%
10
0x20048D80
0x824094AF
95
100
1.0%
16
0x20079500
0x82409253
150
100
0.5%
16
0x20079500
0x8300B240
150
77
0.5%
16
0x20078600
0x8240925C
135
100
0.5%
16
0x20078600
0x8300B247
135
77
0.5%
16
0x20078600
0x824092B9
135
100
1.0%
16
0x20078D80
0x8300B443
95
77
0.5%
16
0x20078D80
0x824094AF
95
100
1.0%
20
0x20099500
0x82409253
150
100
0.5%
20
0x20099500
0x8300B240
150
77
0.5%
20
0x20098600
0x8240925C
135
100
0.5%
20
0x20098600
0x8300B247
135
77
0.5%
20
0x20098600
0x824092B9
135
100
1.0%
20
0x20098D80
0x8300B443
95
77
0.5%
20
0x20098D80
0x824094AF
95
100
1.0%
Copyright © 2012, Texas Instruments Incorporated
Peripheral and Electrical Specifications
69
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com