Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 27Page - Texas Instruments TMS570LS Datasheet HTML 28Page - Texas Instruments TMS570LS Datasheet HTML 29Page - Texas Instruments TMS570LS Datasheet HTML 30Page - Texas Instruments TMS570LS Datasheet HTML 31Page - Texas Instruments TMS570LS Datasheet HTML 32Page - Texas Instruments TMS570LS Datasheet HTML 33Page - Texas Instruments TMS570LS Datasheet HTML 34Page - Texas Instruments TMS570LS Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
Table 2-9. Terminal Functions (continued)
Terminal
Internal
TMS570LS20216
TMS570LS20206
Type
pullup/p
Description
Name
ulldown
337
144
337
144
External Memory Interface Module (EMIF)
EMIFBADD[0]
D13
D13
3.3V I/O
8mA
EMIF Byte Address pins
EMIFBADD[1]
D16
D16
EMIFDATA[0]
K16
K16
EMIFDATA[1]
L16
L16
EMIFDATA[2]
M16
M16
EMIFDATA[3]
N16
N16
EMIFDATA[4]
E4
E4
EMIFDATA[5]
F4
F4
EMIFDATA[6]
G4
G4
Program
EMIFDATA[7]
K4
K4
mable
3.3V I/O
8mA
EMIF Data pins
IPU
EMIFDATA[8]
L4
L4
(20uA)
EMIFDATA[9]
M4
M4
EMIFDATA[10]
N4
N4
EMIFDATA[11]
P4
P4
EMIFDATA[12]
T5
T5
EMIFDATA[13]
T6
T6
EMIFDATA[14]
T7
T7
EMIFDATA[15]
T8
T8
EMIFADD[0]
D4
D4
EMIFADD[1]
D5
D5
EMIFADD[2]
D6
D6
EMIFADD[3]
D7
D7
EMIFADD[4]
D8
D8
EMIFADD[5]
D9
D9
EMIFADD[6]
C4
C4
EMIFADD[7]
C5
C5
EMIFADD[8]
C6
C6
EMIFADD[9]
C7
C7
EMIFADD[10]
C8
C8
3.3V I/O
8mA
EMIF Address pins
EMIFADD[11]
C9
C9
EMIFADD[12]
C10
C10
EMIFADD[13]
C11
C11
EMIFADD[14]
C12
C12
EMIFADD[15]
C13
C13
EMIFADD[16]
D14
D14
EMIFADD[17]
C14
C14
EMIFADD[18]
D15
D15
EMIFADD[19]
C15
C15
EMIFADD[20]
C16
C16
EMIFADD[21]
C17
C17
EMIFCS[0]
L17
L17
EMIFCS[1]
K17
K17
3.3V I/O
8mA
EMIF Chip Select pins
EMIFCS[2]
M17
M17
EMIFCS[3]
N17
N17
Copyright © 2012, Texas Instruments Incorporated
Device Overview
31
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com