Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 93 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 93 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 89Page - Texas Instruments TMS570LS Datasheet HTML 90Page - Texas Instruments TMS570LS Datasheet HTML 91Page - Texas Instruments TMS570LS Datasheet HTML 92Page - Texas Instruments TMS570LS Datasheet HTML 93Page - Texas Instruments TMS570LS Datasheet HTML 94Page - Texas Instruments TMS570LS Datasheet HTML 95Page - Texas Instruments TMS570LS Datasheet HTML 96Page - Texas Instruments TMS570LS Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 107 page
background image
t(RTP)dsu
t(RTP)
dho
RTPSYNC
RTPCLK
RTPDATA
t(RTP)
sho
t(RTP)ssu
t(RTP)cyc
tr
tf
t(RTP)h
t(RTP)l
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
7.16 RTP Timings
7.16.1 RTPCLK Timing
Figure 7-21. RTPCLK Timing
Table 7-22. RTPCLK Timing
Parameter
Minimum
Description
t(RTP)cyc
10 ns
Clock period (depending on HCLK divide
ratio)
t(RTP)h
(t(RTP)cyc/2) - ((tr+tf)/2) -1.5
High pulse width (depending on HCLK divide
ratio and load on pin)
t(RTP)l
(t(RTP)cyc/2) - ((tr+tf)/2) -1.5
Low pulse width (depending on HCLK divide
ratio and load on pin)
7.16.2 RTPDATA Timing
Figure 7-22. RTPDATA Timing
Table 7-23. RTPDATA Timing
Parameter
Minimum
Description
t(RTP)dsu
0.5 t(RTP)cyc-3ns
Data setup time
t(RTP)dho
0.5 t(RTP)cyc-2ns
Data hold time
t(RTP)ssu
0.5 t(RTP)cyc-3ns
SYNC setup time
t(RTP)sho
0.5 t(RTP)cyc-2ns
SYNC hold time
Note: The timings in this table are measured with a 50pF and 50µA load. And they are measured at the 50% point, not 20% or 80% point.
Copyright © 2012, Texas Instruments Incorporated
Peripheral and Electrical Specifications
93
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com