Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 20Page - Texas Instruments TMS570LS Datasheet HTML 21Page - Texas Instruments TMS570LS Datasheet HTML 22Page - Texas Instruments TMS570LS Datasheet HTML 23Page - Texas Instruments TMS570LS Datasheet HTML 24Page - Texas Instruments TMS570LS Datasheet HTML 25Page - Texas Instruments TMS570LS Datasheet HTML 26Page - Texas Instruments TMS570LS Datasheet HTML 27Page - Texas Instruments TMS570LS Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
Table 2-9. Terminal Functions (continued)
Terminal
Internal
TMS570LS20216
TMS570LS20206
Type
pullup/p
Description
Name
ulldown
337
144
337
144
GENERAL-PURPOSE I/O (GIO)
General-purpose input/output pin.
GIOA[0]/INT[0] is an interrupt-capable
GIOA[0]/INT0
A5
118
A5
118
pin. GIOA[0]/INT[0] is also connected to
the NHET Pin Disable input of the NHET
module.
GIOA[1]/INT1
C2
134
C2
134
GIOA[2]/INT2
C1
141
C1
141
GIOA[3]/INT3
E1
144
E1
144
General-purpose input/output
GIOA[4]/INT4
A6
110
A6
110
pins.GIOA[7:1]/INT[7:1] are interrupt-
capable pins.
GIOA[5]/INT5
B5
111
B5
111
Program
mable
GIOA[6]/INT6
H3
27
H3
27
3.3V I/O
2mA - z
IPD
GIOA[7]/INT7
M1
51
M1
51
(20uA)
GIOB[0]
M2
M2
GIOB[1]
K2
K2
GIOB[2]
F2
F2
GIOB[3]
W10
W10
General-purpose input/output pins.
GIOB[4]
G1
G1
GIOB[5]
G2
G2
GIOB[6]
J2
J2
GIOB[7]
F1
F1
FlexRay Controller (FLEXRAY)
NOTE: Devices with out the FlexRay option should leave all FlexRay pins unconnected (NC)
Program
mable
FRAYRX1
A15
126
3.3V I
FlexRay data receive (channel 1) pin
IPD
(20uA)
FRAYTX1
B15
124
8mA
FlexRay data transmit (channel 1) pin
3.3V O
FRAYTXEN1
B16
125
8mA
FlexRay transmit enable (channel 1) pin
Program
mable
FRAYRX2
A8
131
3.3V I
FlexRay data receive (channel 2) pin
IPD(20u
A)
FRAYTX2
B8
129
8mA
FlexRay data transmit (channel 2) pin
3.3V O
FRAYTXEN2
B9
130
8mA
FlexRay transmit enable (channel 2) pin
CAN Controller (DCAN1)
CAN1TX
A10
50
A10
50
Program
CAN1 transmit pin or GIO pin
mable
3.3V I/O
2mA - z
IPU
CAN1RX
B10
49
B10
49
CAN1 receive pin or GIO pin
(20uA)
CAN Controller (DCAN2)
CAN2TX
H2
54
H2
54
Program
CAN2 transmit pin or GIO pin
mable
3.3V I/O
2mA - z
IPU
CAN2RX
H1
55
H1
55
CAN2 receive pin or GIO pin
(20uA)
CAN Controller (DCAN3)
CAN3TX
M18
M18
program
CAN3 transmit pin or GIO pin
mable
3.3V I/O
2mA - z
IPU
CAN3RX
M19
M19
CAN3 receive pin or GIO pin
(20uA)
24
Device Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com