Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 91 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 87Page - Texas Instruments TMS570LS Datasheet HTML 88Page - Texas Instruments TMS570LS Datasheet HTML 89Page - Texas Instruments TMS570LS Datasheet HTML 90Page - Texas Instruments TMS570LS Datasheet HTML 91Page - Texas Instruments TMS570LS Datasheet HTML 92Page - Texas Instruments TMS570LS Datasheet HTML 93Page - Texas Instruments TMS570LS Datasheet HTML 94Page - Texas Instruments TMS570LS Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 107 page
background image
t(ETM)cyc
t(ETM)r
t(ETM)f
t(ETM)h
t(ETM)l
EMIFCS[3:0]
EMIFBADD[1:0]
EMIFADD[21:0]
EMIFWE
EMIFD[15:0]
EMIFOE
12
1
13
15
17
19
18
16
14
21
20
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
7.14.2 Write Timing (Asynchronous RAM)
Figure 7-18. Asynchronous Memory Write Timing for EMIF
7.15 ETM Timings
7.15.1 ETMTRACECLK Timing
Figure 7-19. ETMTRACECLK Timing
Table 7-20. ETMTRACECLK Timing
Parameter
Minimum
Maximum
Description
f(ETM)cyc
40MHz
Clock frequency
t(ETM)cyc
25ns
Clock period
t(ETM)l
2ns
Low pulse width
t(ETM)h
2ns
High pulse width
t(ETM)r
3ns
Clock and data rise time
t(ETM)f
3ns
Clock and data fall time
Copyright © 2012, Texas Instruments Incorporated
Peripheral and Electrical Specifications
91
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com