Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 5 Page - Texas Instruments

  TMS570LS Datasheet HTML 1Page - Texas Instruments TMS570LS Datasheet HTML 2Page - Texas Instruments TMS570LS Datasheet HTML 3Page - Texas Instruments TMS570LS Datasheet HTML 4Page - Texas Instruments TMS570LS Datasheet HTML 5Page - Texas Instruments TMS570LS Datasheet HTML 6Page - Texas Instruments TMS570LS Datasheet HTML 7Page - Texas Instruments TMS570LS Datasheet HTML 8Page - Texas Instruments TMS570LS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
Several interfaces are implemented to enhance the debugging capabilities of application code. In addition
to the built in ARM Cortex™-R4F CoreSight™ debug features, an External Trace Macrocell (ETM)
provides instruction and data trace of program execution. For instrumentation purposes, a RAM Trace Port
Module (RTP) is implemented to support high-speed output of RAM accesses by the CPU or any other
master. A Direct Memory Module (DMM) gives the ability to write external data into the device memory.
Both the RTP and DMM have no or only minimum impact on the program execution time of the application
code. A Parameter Overlay Module (POM) can re-route Flash accesses to the EMIF, thus avoiding the re-
programming steps necessary for parameter updates in Flash.
1.4
ORDERING INFORMATION
(1)
ORDERABLE
TOP-SIDE
TA
PACKAGE
VID NUMBER
PART NUMBER
MARKING
S5LS20206ASGWTMEP
S20206ASGWTMEP
V62/12622-01YE
NFBGA (GWT)
S5LS20216ASGWTMEP
S20216ASGWTMEP
V62/12622-02YE
–55°C to 125°C
S5LS20206ASPGEMEP
S20206ASPGEMEP
V62/12622-01XE
LQFP (PGE)
S5LS20216ASPGEMEP
S20216ASPGEMEP
V62/12622-02XE
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright © 2012, Texas Instruments Incorporated
TMS570LS Series 16/32-BIT RISC Flash Microcontroller
5
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com