Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 18Page - Texas Instruments TMS570LS Datasheet HTML 19Page - Texas Instruments TMS570LS Datasheet HTML 20Page - Texas Instruments TMS570LS Datasheet HTML 21Page - Texas Instruments TMS570LS Datasheet HTML 22Page - Texas Instruments TMS570LS Datasheet HTML 23Page - Texas Instruments TMS570LS Datasheet HTML 24Page - Texas Instruments TMS570LS Datasheet HTML 25Page - Texas Instruments TMS570LS Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 107 page
background image
(TOP VIEW)
FRAYTXEN2
GIOA[3]/INT[3]
144
143
141
140
139
138
137
136
135
134
GIOA[1]/INT[1]
133
VSSIO
132
131
FRAYRX2
130
129
128
127
126
125
124
123
122
121
VSSIO
120
VCCIO
119
GIOA[0]/INT[0]
118
117
116
115
114
NHET[15]
113
112
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
VCC
VSS
VSSIO
VCCIO
NHET[3]
NHET[1]
NHET[24]
NHET[5]
NHET[20]
VSS
VCC
NHET[6]
CAN1RX
VCCAD
111
110
109
70
71
72
NHET[8]
LIN1TX
LIN1RX
CAN2TX
CAN2RX
NHET[2]
TEST
AD2EVT
AD2IN[0]
AD2IN[1]
AD2IN[2]
AD2IN[3]
VSSAD
ADREFLO
ADREFHI
ADSIN[15]
ADSIN[13]
ADSIN[14]
ADSIN[12]
ADSIN[11]
nERROR
NHET[16]
GIOA[2]/INT[2]
LIN2RX
LIN2TX
NHET[14]
NHET[30]
VSS
FRAYTX2
VCCP
VSS
FRAYRX1
FRAYTXEN1
FRAYTX1
FLTP2
FLTP1
NHET[11]
NHET[10]
VSS
GIOA[5]/INT[5]
GIOA[4]/INT[4]
NHET[7]
NHET[4]
VCCIO
VCC
GIOA[7]/INT[7]
NHET[9]
CAN1TX
142
VCC
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
2.4.2
PGE QFP Package Pinout (144 pin)
Figure 2-6. PGE Pinout (144 pin) [Top View]
22
Device Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com