Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 3Page - Texas Instruments TMS570LS Datasheet HTML 4Page - Texas Instruments TMS570LS Datasheet HTML 5Page - Texas Instruments TMS570LS Datasheet HTML 6Page - Texas Instruments TMS570LS Datasheet HTML 7Page - Texas Instruments TMS570LS Datasheet HTML 8Page - Texas Instruments TMS570LS Datasheet HTML 9Page - Texas Instruments TMS570LS Datasheet HTML 10Page - Texas Instruments TMS570LS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
1
TMS570LS Series 16/32-BIT RISC Flash
5
Device Registers
....................................... 58
Microcontroller
.......................................... 1
5.1
Device Identification Code Register
................ 58
1.1
Features
............................................. 1
5.2
Die-ID Registers
.................................... 60
1.2
SUPPORTS DEFENSE AND AEROSPACE
5.3
PLL Registers
...................................... 61
APPLICATIONS
..................................... 2
6
Device Electrical Specifications
.................... 62
1.3
Description
........................................... 3
6.1
Operating Conditions
............................... 62
1.4
ORDERING INFORMATION
........................ 5
6.2
Absolute Maximum Ratings Over Operating Free-
1.5
Functional Block Diagram
........................... 6
Air Temperature Range (unless otherwise noted)
. 62
2
Device Overview
........................................ 8
6.3
Device Recommended Operating Conditions
...... 62
2.1
Terms and Acronyms
................................ 8
6.4
Thermal Information
................................ 63
2.2
Device Characteristics
............................... 9
6.5
Electrical Characteristics Over Operating Free-Air
Temperature Range
................................ 64
2.3
Memory
............................................. 10
7
Peripheral and Electrical Specifications
.......... 68
2.4
Pin Assignments
.................................... 18
7.1
Clocks
.............................................. 68
2.5
Terminal Functions
................................. 23
7.2
ECLK Specification
................................. 72
2.6
Device Support
..................................... 36
7.3
RST And PORRST Timings
........................ 73
3
Reset / Abort Sources
................................ 38
7.4
TEST Pin Timing
................................... 75
3.1
Reset / Abort Sources
.............................. 38
7.5
DAP - JTAG Scan Interface Timing
................ 76
4
Peripherals
.............................................. 41
7.6
Output Timings
..................................... 77
4.1
Error Signaling Module (ESM)
..................... 41
7.7
Input Timings
....................................... 78
4.2
Direct Memory Access (DMA)
...................... 44
7.8
Flash Timings
...................................... 79
4.3
High End Timer Transfer Unit (HET-TU)
........... 45
7.9
SPI Master Mode Timing Parameters
.............. 80
4.4
Vectored Interrupt Manager (VIM)
................. 46
7.10
SPI Slave Mode Timing Parameters
............... 84
4.5
MIBADC Event Trigger Sources
................... 48
7.11
CAN Controller Mode Timings
...................... 88
4.6
MIBSPI
.............................................. 49
7.12
SCI/LIN Mode Timings
............................. 88
4.7
ETM
................................................ 51
7.13
FlexRay Controller Mode Timings
.................. 88
4.8
Debug Scan Chains
................................ 52
7.14
EMIF Timings
....................................... 89
4.9
CCM
................................................ 53
7.15
ETM Timings
....................................... 91
4.10
LPM
................................................. 54
7.16
RTP Timings
........................................ 93
4.11
Voltage Monitor
..................................... 54
7.17
DMM Timings
....................................... 95
4.12
CRC
................................................ 54
7.18
MibADC
............................................. 96
4.13
System Module Access
............................ 54
8
Mechanical Packaging and Orderable
4.14
Debug ROM
........................................ 55
Information
............................................ 102
4.15
CPU Self Test Controller: STC / LBIST
............ 56
8.1
Packaging Information
............................ 102
Copyright © 2012, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com