Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 34 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 30Page - Texas Instruments TMS570LS Datasheet HTML 31Page - Texas Instruments TMS570LS Datasheet HTML 32Page - Texas Instruments TMS570LS Datasheet HTML 33Page - Texas Instruments TMS570LS Datasheet HTML 34Page - Texas Instruments TMS570LS Datasheet HTML 35Page - Texas Instruments TMS570LS Datasheet HTML 36Page - Texas Instruments TMS570LS Datasheet HTML 37Page - Texas Instruments TMS570LS Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
Table 2-9. Terminal Functions (continued)
Terminal
Internal
TMS570LS20216
TMS570LS20206
Type
pullup/p
Description
Name
ulldown
337
144
337
144
Supply Voltage Digital I/O (3.3V) and Core (1.5V)
VCCIO
F6
1
F6
1
VCCIO
F7
15
F7
15
VCCIO
F11
40
F11
40
VCCIO
F12
90
F12
90
VCCIO
F13
108
F13
108
VCCIO
F14
119
F14
119
VCCIO
G6
132
G6
132
VCCIO
G14
G14
VCCIO
H6
H6
VCCIO
H14
H14
VCCIO
J6
J6
Digital I/O supply pins
Note: All VccIO pads are connected to
VCCIO
L14
L14
3.3V
the BGA packages through the package
PWR
VCCIO
M6
M6
substrate. There is not a direct ball to
bond pad connection for this supply.
VCCIO
M14
M14
VCCIO
N6
N6
VCCIO
N14
N14
VCCIO
P6
P6
VCCIO
P7
P7
VCCIO
P8
P8
VCCIO
P9
P9
VCCIO
P12
P12
VCCIO
P13
P13
VCCIO
P14
P14
VCCIO
VCC
F9
19
F9
19
VCC
F10
31
F10
31
VCC
H10
37
H10
37
VCC
J14
47
J14
47
VCC
K6
87
K6
87
Digital Core supply pins
VCC
K8
104
K8
104
Note: All Vcc pads are connected to the
1.5V
VCC
K12
114
K12
114
BGA packages through the package
PWR
substrate. There is not a direct ball to
VCC
K14
135
K14
135
bond pad connection for this supply.
VCC
L6
L6
VCC
M10
M10
VCC
P10
P10
VCC
P11
P11
VCC
34
Device Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com