Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 74 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 70Page - Texas Instruments TMS570LS Datasheet HTML 71Page - Texas Instruments TMS570LS Datasheet HTML 72Page - Texas Instruments TMS570LS Datasheet HTML 73Page - Texas Instruments TMS570LS Datasheet HTML 74Page - Texas Instruments TMS570LS Datasheet HTML 75Page - Texas Instruments TMS570LS Datasheet HTML 76Page - Texas Instruments TMS570LS Datasheet HTML 77Page - Texas Instruments TMS570LS Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
7.3.2
Switching Characteristics Over Recommended Operating Conditions For RST
Table 7-7. Switching Characteristics Over Recommended Operating Conditions For RST(1)(2)
Parameter
MIN
MAX
Unit
tv(RST)
Valid time, RST active after PORRST inactive
1048c(OSC)
ns
Valid time, RST active (all others)
8tc(VCLK)
(1)
Specified values do NOT include rise/fall times. For rise and fall timings, see the switching characteristics for output timings versus load
capacitance table.
(2)
This parameter is characterized from -40°C to 125°C only.
7.3.3
IO Status During PORRST
IO buffer condition during power-on-reset (nPORRST is low): All I/O pins, except nRST, are configured as
High-impedance while nPORRST is low and immediately after nPORRST goes high. The FlexRay
FRAYTX1 and FRAYTX2 pins are high impedance (high-Z) while nPORRST is low, and are output high at
latest 1024 oscillator cycles after nPORRST goes high; the FlexRay FRAYTXEN1 and FRAYTXEN2 pins
are high impedance (high-Z) while nPORRST is low, and output high immediately after nPORRST goes
high.
IO pullup/pulldown condition during power-on-reset: all internal pullups and pulldowns on input pins are
disabled when nPORRST is low, and become active immediately after nPORRST goes high. Pins that are
listed with "programmable" have programmable pullups or pulldowns. The default value after reset is listed
underneath "programmable" in the following table. The exceptions are nPORRST, nRST, nTRST and
TEST pins. The pulls on these pins will be active during power-on-reset.
74
Peripheral and Electrical Specifications
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com