Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 25 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 21Page - Texas Instruments TMS570LS Datasheet HTML 22Page - Texas Instruments TMS570LS Datasheet HTML 23Page - Texas Instruments TMS570LS Datasheet HTML 24Page - Texas Instruments TMS570LS Datasheet HTML 25Page - Texas Instruments TMS570LS Datasheet HTML 26Page - Texas Instruments TMS570LS Datasheet HTML 27Page - Texas Instruments TMS570LS Datasheet HTML 28Page - Texas Instruments TMS570LS Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
Table 2-9. Terminal Functions (continued)
Terminal
Internal
TMS570LS20216
TMS570LS20206
Type
pullup/p
Description
Name
ulldown
337
144
337
144
Serial Communications Interface (SCI)/Local Interconnect Network (LIN1)
LIN1RX
W12
53
W12
53
Program
LIN1 data receive pin or GIO pin
mable
3.3V I/O
2mA - z
IPU
LIN1TX
V12
52
V12
52
LIN1 data transmit pin or GIO pin
(20uA)
Serial Communications Interface (SCI)/Local Interconnect Network (LIN2)
LIN2RX
A7
140
A7
140
Program
LIN2 data receive pin or GIO pin
mable
3.3V I/O
2mA - z
IPU
LIN2TX
B7
139
B7
139
LIN2 data transmit pin or GIO pin
(20uA)
Multibuffered Serial Peripheral Interface (MIBSPI1)
MIBSPI1CLK
F18
17
F18
17
4mA
MIBSPI1 clock pin or GIO pin
MIBSPI1CS[0]
R2
23
R2
23
MIBSPI1CS[1]
F3
24
F3
24
MIBSPI1 slave chip select pins or GIO
2mA - z
pins
MIBSPI1CS[2]
G3
25
G3
25
Program
mable
MIBSPI1CS[3]
J3
J3
3.3V I/O
IPU
MIBSPI1ENA
G19
18
G19
18
2mA - z
MIBSPI1 enable pin or GIO pin
(20uA)
MIBSPI1 data stream - Slave in/master
MIBSPI1SIMO
F19
14
F19
14
out pin or GIO pin
4mA
MIBSPI1 data stream - Slave out/master
MIBSPI1SOMI
G18
13
G18
13
in pin or GIO pin
Multibuffered Serial Peripheral Interface (MIBSPI3)
MIBSPI3CLK
V9
3
V9
3
4mA
MIBSPI3 clock pin or GIO pin
MIBSPI3CS[0]
V10
7
V10
7
MIBSPI3CS[1]
V5
V5
MIBSPI3 slave chip select pins or GIO
2mA - z
pins
MIBSPI3CS[2]
B2
B2
Program
mable
MIBSPI3CS[3]
C3
C3
3.3V I/O
IPU
MIBSPI3ENA
W9
6
W9
6
2mA - z
MIBSPI3 enable pin or GIO pin
(20uA)
MIBSPI3 data stream - Slave in/master
MIBSPI3SIMO
W8
4
W8
4
out pin or GIO pin
4mA
MIBSPI3 data stream - Slave out/master
MIBSPI3SOMI
V8
5
V8
5
in pin or GIO pin
Copyright © 2012, Texas Instruments Incorporated
Device Overview
25
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com