Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 25Page - Texas Instruments TMS570LS Datasheet HTML 26Page - Texas Instruments TMS570LS Datasheet HTML 27Page - Texas Instruments TMS570LS Datasheet HTML 28Page - Texas Instruments TMS570LS Datasheet HTML 29Page - Texas Instruments TMS570LS Datasheet HTML 30Page - Texas Instruments TMS570LS Datasheet HTML 31Page - Texas Instruments TMS570LS Datasheet HTML 32Page - Texas Instruments TMS570LS Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
Table 2-9. Terminal Functions (continued)
Terminal
Internal
TMS570LS20216
TMS570LS20206
Type
pullup/p
Description
Name
ulldown
337
144
337
144
RAM Trace Port Module (RTP)
RTPDATA[0]
V11
V11
RTPDATA[1]
U11
U11
RTPDATA[2]
T10
T10
RTPDATA[3]
U10
U10
RTPDATA[4]
T9
T9
RTPDATA[5]
U9
U9
RTPDATA[6]
U8
U8
RTPDATA[7]
U7
U7
RAM Trace Port Output Data Signal pins
8mA
or GIO pins
RTPDATA[8]
U6
U6
Program
RTPDATA[9]
U5
U5
mable
3.3V I/O
IPU
RTPDATA[10]
U4
U4
(20uA)
RTPDATA[11]
T4
T4
RTPDATA[12]
V3
V3
RTPDATA[13]
U3
U3
RTPDATA[14]
T3
T3
RTPDATA[15]
T2
T2
RTPENA
U12
U12
2mA - z
Packet Handshake Signal pin or GIO pin
Packet Synchronization Signal pin or
RTPSYNC
T11
T11
GIO pin
8mA
RTPCLK
W11
W11
Packet Clock Signal pin or GIO pin
Copyright © 2012, Texas Instruments Incorporated
Device Overview
29
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com