Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 38 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 34Page - Texas Instruments TMS570LS Datasheet HTML 35Page - Texas Instruments TMS570LS Datasheet HTML 36Page - Texas Instruments TMS570LS Datasheet HTML 37Page - Texas Instruments TMS570LS Datasheet HTML 38Page - Texas Instruments TMS570LS Datasheet HTML 39Page - Texas Instruments TMS570LS Datasheet HTML 40Page - Texas Instruments TMS570LS Datasheet HTML 41Page - Texas Instruments TMS570LS Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
3
Reset / Abort Sources
3.1
Reset / Abort Sources
The device Resets and Aborts are handled as shown in the following table. The table shows the source of
the error, the system mode, the type of error response and the corresponding Error Signaling Module
(ESM) channel. Only standard ARM exception handlers and ESM errors are used.
Table 3-1. Reset / Abort Sources
Error Source
System Mode
Error Response
ESM Hookup group channel
1) CPU transactions
Precise write error (Strongly
User/Privilege
Precise Abort (CPU)
n/a
Ordered)
Precise read error (Device or
User/Privilege
Precise Abort (CPU)
n/a
Normal)
Imprecise write error (Device or
User/Privilege
Imprecise Abort (CPU)
n/a
Normal)
Illegal instruction
User/Privilege
Undefined Instruction Trap
n/a
(CPU)(1)
MPU access violation
User/Privilege
Abort (CPU)
n/a
2) SRAM
B0 Tightly Coupled Memory
User/Privilege
ESM
1.26
(TCM) (even) ECC single error
(correctable)
B0 TCM (even) ECC double error
User/Privilege
Abort (CPU), ESM => nERROR
3.3
(non-correctable)
B0 TCM (even) uncorrectable
User/Privilege
ESM => NMI
2.6
error (i.e. redundant address
decode)
B0 TCM (even) address bus
User/Privilege
ESM => NMI
2.10
parity error
B1 TCM (odd) ECC single error
User/Privilege
ESM
1.28
(correctable)
B1 TCM (odd) ECC double error
User/Privilege
Abort (CPU), ESM => nERROR
3.5
(non-correctable)
B1 TCM (odd) uncorrectable
User/Privilege
ESM => NMI
2.8
error (i.e. redundant address
decode)
B1 TCM (odd) address bus parity
User/Privilege
ESM => NMI
2.12
error
3) Flash with ECC INTEGRATED INTO CPU
ECC single error (correctable)
User/Privilege
ESM
1.6
ECC double error (non-
User/Privilege
Abort (CPU), ESM => nERROR
3.7
correctable)
Uncorrectable error (i.e.
User/Privilege
ESM => NMI
2.4
redundant address tag,
redundant syndrome compare,
address bus parity, etc.)
4) DMA transactions
External imprecise error on read
User/Privilege
ESM
1.5
(Illegal transaction with ok
response)
External imprecise error on write
User/Privilege
ESM
1.13
(Illegal transaction with ok
response)
(1)
The Undefined Instruction TRAP is NOT detectable outside the CPU. The trap is taken only if the Code reaches the execute stage of
the CPU.
38
Reset / Abort Sources
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com