Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 42Page - Texas Instruments TMS570LS Datasheet HTML 43Page - Texas Instruments TMS570LS Datasheet HTML 44Page - Texas Instruments TMS570LS Datasheet HTML 45Page - Texas Instruments TMS570LS Datasheet HTML 46Page - Texas Instruments TMS570LS Datasheet HTML 47Page - Texas Instruments TMS570LS Datasheet HTML 48Page - Texas Instruments TMS570LS Datasheet HTML 49Page - Texas Instruments TMS570LS Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
4.4
Vectored Interrupt Manager (VIM)
The Vectored Interrupt Manager (VIM) provides hardware assistance for prioritizing and controlling the
many interrupt sources present on the device. Interrupt requests originating from the device modules (i.e.,
SPI, LIN, SCI, etc.) are assigned to channels within the 64-channel VIM. Programming multiple interrupt
sources to the same VIM channel effectively shares the VIM channel between sources. The VIM request
channels are maskable so that individual channels can be selectively disabled. All interrupt requests can
be programmed in the VIM to be of either type:
•
Fast interrupt request (FIQ)- The FIQ implemented in Cortex-R4F is Non-Maskable Fast Interrupts
(NMFI).
•
Normal interrupt request (IRQ)
The VIM prioritizes interrupts, whose precedence of request channels decrease with ascending channel
order in the VIM (0 [highest] and 64[lowest] priority). For VIM default mapping, channel priorities, and their
associated modules see the table below. More information on the VIM can be found in the technical
reference manual (TRM).
Table 4-5. Interrupt Request Assignments
Modules
Interrupt Sources
Default VIM Interrupt Request
ESM
ESM High level interrupt (NMI)
0
Reserved
(NMI)
1
RTI
RTI compare interrupt 0
2
RTI
RTI compare interrupt 1
3
RTI
RTI compare interrupt 2
4
RTI
RTI compare interrupt 3
5
RTI
RTI overflow interrupt 0
6
RTI
RTI overflow interrupt 1
7
RTI
RTI timebase
8
GIO
GIO interrupt A
9
NHET
NHET level 1 interrupt
10
HET TU
HET TU level 1 interrupt
11
MIBSPI1
MIBSPI1 level 0 interrupt
12
LIN1 (incl. SCI)
LIN1 level 0 interrupt
13
MIBADC1
MIBADC1 event group interrupt
14
MIBADC1
MIBADC1 sw group 1 interrupt
15
DCAN1
DCAN1 level 0 interrupt
16
Reserved
Reserved
17
FlexRay
FlexRay level 0 interrupt
18
CRC
CRC Interrupt
19
ESM
ESM Low level interrupt
20
SYSTEM
Software interrupt (SSI)
21
CPU
PMU Interrupt
22
GIO
GIO interrupt B
23
NHET
NHET level 2 interrupt
24
HET TU
HET TU level 2 interrupt
25
MIBSPI1
MIBSPI1 level 1 interrupt
26
LIN1 (incl. SCI)
LIN1 level 1 interrupt
27
MIBADC1
MIBADC1 sw group 2 interrupt
28
DCAN1
DCAN1 level 1 interrupt
29
Reserved
Reserved
30
MIBADC1
MIBADC1 magnitude interrupt
31
46
Peripherals
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com