Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 77 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 77 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 73Page - Texas Instruments TMS570LS Datasheet HTML 74Page - Texas Instruments TMS570LS Datasheet HTML 75Page - Texas Instruments TMS570LS Datasheet HTML 76Page - Texas Instruments TMS570LS Datasheet HTML 77Page - Texas Instruments TMS570LS Datasheet HTML 78Page - Texas Instruments TMS570LS Datasheet HTML 79Page - Texas Instruments TMS570LS Datasheet HTML 80Page - Texas Instruments TMS570LS Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 107 page
background image
80%
80%
20%
20%
0
Output
t
r
t
f
V
CCIO
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
7.6
Output Timings
7.6.1
Switching Characteristics For Output Timings Versus Load Capacitance (CL)
Table 7-10. Switching Characteristics For Output Timings Versus Load Capacitance (CL)
Parameter
MIN
TYP
MAX
Unit
tr
8mA pins
CL = 15 pF
2.5
ns
CL = 50 pF
5
CL = 100 pF
9
CL = 150 pF
12
tf
8mA pins
CL = 15 pF
2.5
ns
CL = 50 pF
5
CL = 100 pF
9
CL = 150 pF
12
tr
4mA pins
CL = 15 pF
7
ns
CL = 50 pF
13
CL = 100 pF
21
CL = 150 pF
29
tf
4mA pins
CL = 15 pF
7
ns
CL = 50 pF
13
CL = 100 pF
21
CL = 150 pF
29
tr
2mA-z pins
CL = 15 pF
10
ns
CL = 50 pF
17
CL = 100 pF
25
CL = 150 pF
35
tf
2mA-z pins
CL = 15 pF
10
ns
CL = 50 pF
17
CL = 100 pF
25
CL = 150 pF
35
Figure 7-7. CMOS-Level Outputs
Copyright © 2012, Texas Instruments Incorporated
Peripheral and Electrical Specifications
77
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com