Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 26Page - Texas Instruments TMS570LS Datasheet HTML 27Page - Texas Instruments TMS570LS Datasheet HTML 28Page - Texas Instruments TMS570LS Datasheet HTML 29Page - Texas Instruments TMS570LS Datasheet HTML 30Page - Texas Instruments TMS570LS Datasheet HTML 31Page - Texas Instruments TMS570LS Datasheet HTML 32Page - Texas Instruments TMS570LS Datasheet HTML 33Page - Texas Instruments TMS570LS Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
Table 2-9. Terminal Functions (continued)
Terminal
Internal
TMS570LS20216
TMS570LS20206
Type
pullup/p
Description
Name
ulldown
337
144
337
144
Data Modification Module (DMM)
DMMDATA[0]
L19
L19
DMM Data pins or GIO pins
DMMDATA[1]
L18
L18
DMMDATA[2]/MIB
2mA - z
W6
W6
SPI5CS[2]
DMMDATA[3]/MIB
T12
T12
SPI5CS[3]
DMMDATA[4]/MIB
H19
H19
4mA
SPI5CLK
DMMDATA[5]/MIB
E19
E19
SPI5CS[0]
DMMDATA[6]/MIB
B6
B6
2mA - z
SPI5CS[1]
DMMDATA[7]/MIB
H18
H18
SPI5ENA
DMMDATA[8]/MIB
J19
J19
Program
SPI5SIMO[0]
DMM Data pins or GIO pins; multiplexed
mable
with MIBSPI5 pins
DMMDATA[9]/MIB
3.3V I/O
E16
E16
IPU
SPI5SIMO[1]
(20uA)
DMMDATA[10]/MI
H17
H17
BSPI5SIMO[2]
DMMDATA[11]/MI
G17
G17
BSPI5SIMO[3]
4mA
DMMDATA[12]/MI
J18
J18
BSPI5SOMI[0]
DMMDATA[13]/MI
E17
E17
BSPI5SOMI[1]
DMMDATA[14]/MI
H16
H16
BSPI5SOMI[2]
DMMDATA[15]/MI
G16
G16
BSPI5SOMI[3]
DMMENA
F16
F16
8mA
DMM Handshake pin or GIO pin
DMMSYNC
J16
J16
DMM Synchronization pin or GIO pin
2mA - z
DMMCLK
F17
F17
DMM Clock input pin or GIO pin
30
Device Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com