Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 62 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 58Page - Texas Instruments TMS570LS Datasheet HTML 59Page - Texas Instruments TMS570LS Datasheet HTML 60Page - Texas Instruments TMS570LS Datasheet HTML 61Page - Texas Instruments TMS570LS Datasheet HTML 62Page - Texas Instruments TMS570LS Datasheet HTML 63Page - Texas Instruments TMS570LS Datasheet HTML 64Page - Texas Instruments TMS570LS Datasheet HTML 65Page - Texas Instruments TMS570LS Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
6
Device Electrical Specifications
6.1
Operating Conditions
6.2
Absolute Maximum Ratings Over Operating Free-Air Temperature Range (unless
otherwise noted)
(1)
Supply voltage ranges
VCC
(2)
- 0.3 V to 2.1V
VCCIO, VCCAD, VCCP (Flash pump)
(2)
- 0.3 V to 4.1V
Input voltage range
All input pins
- 0.3 V to 4.1 V
Input clamp current
IIK(VI<0 or VI> VCCIO)
±20 mA
All pins except AD1IN[7:0], AD2IN[7:0], ADSIN[15:8]
IIK (VI<0 or VI>VCCAD)
AD1IN[7:0], AD2IN[7:0], ADSIN[15:8]
±10 mA
total
±40 mA
Operating free-air temperature ranges, TA
-55°C to 125°C
Storage temperature range, Tstg
-65°C to 150°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
(2)
All voltage values are with respect to their associated grounds.
6.3
Device Recommended Operating Conditions
(1)
MIN
NOM
MAX
Unit
VCC
Digital logic supply voltage (Core)
1.35
1.5
1.65
V
VCCIO
Digital logic supply voltage (I/O)
3
3.3
3.6
V
VCCAD
MibADC supply voltage
3
3.3
3.6
V
VCCP
Flash pump supply voltage
3
3.3
3.6
V
VSS
Digital logic supply ground
0
V
VSSAD
MibADC supply ground
-0.1
0.1
V
TA
Operating free-air temperature
-55
125
°C
(1)
All voltages are with respect to VSS except VCCAD is with respect to VSSAD.
62
Device Electrical Specifications
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com