Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 70 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 66Page - Texas Instruments TMS570LS Datasheet HTML 67Page - Texas Instruments TMS570LS Datasheet HTML 68Page - Texas Instruments TMS570LS Datasheet HTML 69Page - Texas Instruments TMS570LS Datasheet HTML 70Page - Texas Instruments TMS570LS Datasheet HTML 71Page - Texas Instruments TMS570LS Datasheet HTML 72Page - Texas Instruments TMS570LS Datasheet HTML 73Page - Texas Instruments TMS570LS Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 107 page
background image
guaranteed fail
lower-
threshold
guaranteed pass
upper-
threshold
guaranteed fail
f[MHz]
1.5
5.0
20.0
50.0
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
7.1.4
LPO And Clock Detection
The LPOCLKDET module consists of a clock monitor (CLKDET) and 2 low power oscillators (LPO) - a low
frequency (LF) and a high frequency (HF) oscillator. The CLKDET is a supervisor circuit for an externally
supplied clock signal. In case the externally supplied clock frequency falls out of a frequency window, the
clock detector flags this condition and switches to the HF LPO clock (limp mode). The OSCFAIL flag and
clock switch-over remain, regardless of the behavior of the oscillator clock signal. The only way OSCFAIL
can be cleared (and re-enable OSCIN as the clock source) is a power-on-reset.
Table 7-3. LPO And Clock Detection
Parameter
MIN
Type
MAX
Unit
Invalid frequency
lower threshold
1.5
5
MHz
upper threshold
20
50
MHz
Limp mode frequency (HFosc)
7.9
10
14.4
MHz
HFosc frequency
7.9
10
14.4
MHz
LFosc frequency
62
80
113
kHz
Figure 7-2. LPO And Clock Detection
70
Peripheral and Electrical Specifications
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com