Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 35 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 31Page - Texas Instruments TMS570LS Datasheet HTML 32Page - Texas Instruments TMS570LS Datasheet HTML 33Page - Texas Instruments TMS570LS Datasheet HTML 34Page - Texas Instruments TMS570LS Datasheet HTML 35Page - Texas Instruments TMS570LS Datasheet HTML 36Page - Texas Instruments TMS570LS Datasheet HTML 37Page - Texas Instruments TMS570LS Datasheet HTML 38Page - Texas Instruments TMS570LS Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
Table 2-9. Terminal Functions (continued)
Terminal
Internal
TMS570LS20216
TMS570LS20206
Type
pullup/p
Description
Name
ulldown
337
144
337
144
Supply Ground
VSS
A1
2
A1
2
VSS
A2
16
A2
16
VSS
A18
22
A18
22
VSS
A19
32
A19
32
VSS
B1
38
B1
38
VSS
B19
39
B19
39
VSS
H8
46
H8
46
VSS
H9
86
H9
86
VSS
H11
89
H11
89
VSS
H12
103
H12
103
VSS
J8
107
J8
107
VSS
J9
115
J9
115
VSS
J10
120
J10
120
VSS
J11
127
J11
127
VSS
J12
133
J12
133
VSS
K9
136
K9
136
VSS
K10
K10
Digital supply ground reference pins
VSS
K11
K11
Note: All Vss pads are connected to the
GND
BGA packages through the package
VSS
L8
L8
substrate.
VSS
L9
L9
VSS
L10
L10
VSS
L11
L11
VSS
L12
L12
VSS
M8
M8
VSS
M9
M9
VSS
M11
M11
VSS
M12
M12
VSS
V1
V1
VSS
W1
W1
VSS
W2
W2
VSS
V4
V4
VSS
VSS
VSS
VSS
VSS
Copyright © 2012, Texas Instruments Incorporated
Device Overview
35
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com