Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 99 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 99 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 95Page - Texas Instruments TMS570LS Datasheet HTML 96Page - Texas Instruments TMS570LS Datasheet HTML 97Page - Texas Instruments TMS570LS Datasheet HTML 98Page - Texas Instruments TMS570LS Datasheet HTML 99Page - Texas Instruments TMS570LS Datasheet HTML 100Page - Texas Instruments TMS570LS Datasheet HTML 101Page - Texas Instruments TMS570LS Datasheet HTML 102Page - Texas Instruments TMS570LS Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
7.18.5 MibADC Timings
Table 7-30. MibADC Timings(1)
Min
NOm
MAX
Unit
tc(ADCLK)
Cycle time, MibADC clock
33
ns
td(SH)
Delay time, sample and hold time
200
ns
td(C)
Delay time, conversion time
400
ns
td(SHC)
(2)
Delay time, total sample/hold and conversion time
600
ns
(1)
These parameters are characterized from -40°C to 125°C only.
(2)
This is the minimum sample/hold and conversion time that can be achieved. These parameters are dependent on many factors, e.g the
prescale settings.
Copyright © 2012, Texas Instruments Incorporated
Peripheral and Electrical Specifications
99
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com