Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 73 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 69Page - Texas Instruments TMS570LS Datasheet HTML 70Page - Texas Instruments TMS570LS Datasheet HTML 71Page - Texas Instruments TMS570LS Datasheet HTML 72Page - Texas Instruments TMS570LS Datasheet HTML 73Page - Texas Instruments TMS570LS Datasheet HTML 74Page - Texas Instruments TMS570LS Datasheet HTML 75Page - Texas Instruments TMS570LS Datasheet HTML 76Page - Texas Instruments TMS570LS Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
3.3 V
1.5 V
CCIOPORL
PORRST
VCC (1.5 V)
6
VCCPORH
V
VIL(PORRST)
VCCIOPORH
VCCIOPORH
VCCIOPORL
VCCPORL
VCC
VCCIO / VCCP
VCCPORH
VCCPORL
VIL
VIL
VIL
VIL
VIL(PORRST)
8
7
6
3
7
9
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
7.3
RST And PORRST Timings
7.3.1
Timing Requirements For PORRST
Table 7-6. Timing Requirements For PORRST
NO.
MIN
MAX
Unit
VCCPORL
(1)
VCC low supply level when PORRST must be active during power up
0.5
V
VCCPORH
(1)
VCC high supply level when PORRST must remain active during power up
1.35
V
and become active during power down
VCCIOPORL
(1)
VCCIO / VCCP low supply level when PORRST must be active during
1.1
V
power up
VCCIOPORH
(1)
VCCIO / VCCP high supply level when PORRST must remain active during
3
V
power up and become active during power down
VIL(PORRST)
(1)
Low-level input voltage of PORRST VCCIO > 2.5V
0.2 VCCIO
V
Low-level input voltage of PORRST VCCIO< 2.5V
0.5
V
3
tsu(PORRST)
(1)
Setup time, PORRST active before VCCIO and VCCP > VCCIOPORL during
0
ms
power up
6
th(PORRST)
(1)
Hold time, PORRST active after VCC > VCCPORH
1
ms
7
tsu(PORRST)
(1)
Setup time, PORRST active before VCC <= VCCPORH during power down
8
µs
8
th(PORRST)
(1)
Hold time, PORRST active after VCCIO and VCCP > VCCIOPORH
1
ms
9
th(PORRST)
(1)
Hold time, PORRST active after VCC < VCCPORL
0
ms
tf(PORRST)
(1)
Filter time PORRST, pulses less than MIN will be filtered out, pulses
20
150
ns
greater than MAX are guaranteed to generate a reset(2)
tf(RST)
Filter time RST, pulses less than MIN will be filtered out, pulses greater
20
150
ns
than MAX are guaranteed to generate a reset
(1)
This parameter is characterized from -40°C to 125°C only.
(2)
A low pulse on the nPORRST pin which is just barely longer than the glitch filter implemented on this pin will result in a very short
internal reset. This may result in unpredictable behavior as some parts of the device may be reset while other parts of the device are
not.
Figure 7-5. PORRST Timing Diagram
NOTE
There is no timing dependency between the ramp of the VCCIO and the VCC supply voltage;
this is just an exemplary drawing. All requirements are to ensure PORRST is active when
VCCIO or VCC is out of the normal operating range.
Copyright © 2012, Texas Instruments Incorporated
Peripheral and Electrical Specifications
73
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com