Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 37Page - Texas Instruments TMS570LS Datasheet HTML 38Page - Texas Instruments TMS570LS Datasheet HTML 39Page - Texas Instruments TMS570LS Datasheet HTML 40Page - Texas Instruments TMS570LS Datasheet HTML 41Page - Texas Instruments TMS570LS Datasheet HTML 42Page - Texas Instruments TMS570LS Datasheet HTML 43Page - Texas Instruments TMS570LS Datasheet HTML 44Page - Texas Instruments TMS570LS Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
4
Peripherals
4.1
Error Signaling Module (ESM)
The Error Signaling Module (ESM) is used to indicate a severe device failure via interrupts and the
external ERROR pin. The error pin is normally used by an external device to either reset the controller
and/or keep the system in a fail safe state.
The ESM module consists of three error groups with 32 inputs each. The generation of the interrupts and
the activation of the ERROR Pin is shown in the following table. The next table shows the ESM error
sources and their corresponding group and channel numbers.
Table 4-1. ESM Groups
Error Group
Interrupt, Level
Influence on ERROR pin
Group1
maskable, low/high
configurable
Group2
non-maskable, high
fixed
Group3
none, none
fixed
Table 4-2. ESM Assignments
ERROR Sources
Group
Channels
Reserved
Group1
0
MibADC2 - parity
Group1
1
DMA - MPU
Group1
2
DMA - parity
Group1
3
Reserved
Group1
4
DMA/DMM/AHB-AP - imprecise read error
Group1
5
Flash (ATCM) - correctable error
Group1
6
NHET - parity
Group1
7
HET TU - parity
Group1
8
HET TU - MPU
Group1
9
PLL - slip
Group1
10
Clock Monitor - interrupt
Group1
11
FlexRay - parity
Group1
12
DMA/DMM/AHB-AP - imprecise write error
Group1
13
FlexRay TU - parity
Group1
14
VIM RAM - parity
Group1
15
FlexRay TU - MPU
Group1
16
MibSPI1 - parity
Group1
17
MibSPI3 - parity
Group1
18
MibADC1 - parity
Group1
19
Reserved
Group1
20
DCAN1 - parity
Group1
21
DCAN3 - parity
Group1
22
DCAN2 - parity
Group1
23
MibSPIP5 - parity
Group1
24
Reserved
Group1
25
RAM even bank (B0TCM) - correctable error
Group1
26
CPU - selftest
Group1
27
RAM odd bank (B1TCM) - correctable error
Group1
28
Reserved
Group1
29
Reserved
Group1
30
Copyright © 2012, Texas Instruments Incorporated
Peripherals
41
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com