Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 61 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 61 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 57Page - Texas Instruments TMS570LS Datasheet HTML 58Page - Texas Instruments TMS570LS Datasheet HTML 59Page - Texas Instruments TMS570LS Datasheet HTML 60Page - Texas Instruments TMS570LS Datasheet HTML 61Page - Texas Instruments TMS570LS Datasheet HTML 62Page - Texas Instruments TMS570LS Datasheet HTML 63Page - Texas Instruments TMS570LS Datasheet HTML 64Page - Texas Instruments TMS570LS Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
5.3
PLL Registers
The default values for the PLL (Phase Locked Loop) control registers are shown in this section. PLLCTL1
and PLLCTL2 are used to configure PLL1 (F035 FMzPLL) and PLLCTL3 is used to configure PLL2 (F035
FPLL).
Figure 5-4. PLLCTL1 Register (Location: 0xFFFF FF70)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
ROS
BPOS[1:0]
PLLDIV[4:0]
ROF
RESV
REFCLKDIV[5:0]
R/WP-
R/WP-01
R/WP-01111
R/WP-
R-0
R/WP-000010
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PLLMUL[15:0]
R/WP-0101111100000000
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset; D= device specific
PLLCTL1 Default = 0x2F025F00
Figure 5-5. PLLCTL2 Register (Location: 0xFFFF FF74)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
FMEN
SPREADINGRATE[8:0]
RESV
EWADJ[8:4]
A
R/WP-
R/WP-111111111
R-0
R/WP-00000
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BWADJ[3:0]
ODPLL
SPR_AMOUNT[8:0]
R/WP-0111
R/WP-001
R/WP-000000000
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset; D = device specific
PLLCTL2 Default = 0x7FC07200
NOTE
There are several combinations of the modulation depth and modulation frequency that are
not allowed. Valid settings for this device include the list in Table 7-2.
Figure 5-6. PLLCTL3 Register (Location: 0xFFFF E100)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESERVED
OSC
RESERVED
DIV
R/W-000000000
R/WP-
R/W-000000
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
PLL_MUL[3:0]
RESERVED
PLL_DIV [2:0]
R/W-000000
R/WP-011
R/W-00000
R/WP 111
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset; D= device specific
PLLCTL3 Default = 0x00000307
Copyright © 2012, Texas Instruments Incorporated
Device Registers
61
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com