Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 84 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 80Page - Texas Instruments TMS570LS Datasheet HTML 81Page - Texas Instruments TMS570LS Datasheet HTML 82Page - Texas Instruments TMS570LS Datasheet HTML 83Page - Texas Instruments TMS570LS Datasheet HTML 84Page - Texas Instruments TMS570LS Datasheet HTML 85Page - Texas Instruments TMS570LS Datasheet HTML 86Page - Texas Instruments TMS570LS Datasheet HTML 87Page - Texas Instruments TMS570LS Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
7.10 SPI Slave Mode Timing Parameters
7.10.1 SPI Slave Mode External Timing Parameters (CLOCK PHASE = 0, SPICLK = input,
SPISIMO = input, and SPISOMI = output)
Table 7-15. SPI Slave Mode External Timing Parameters (1)(2)(3)
NO.
MIN
MAX
Unit
1
tc(SPC)S
Cycle time, SPICLK(4)
90
ns
2(5)
tw(SPCH)S
Pulse duration, SPICLK high(clock polarity = 0)
30
ns
tw(SPCL)S
Pulse duration, SPICLK low(clock polarity = 1)
30
3(5)
tw(SPCL)S
Pulse duration, SPICLK low(clock polarity = 0)
30
ns
tw(SPCH)S
Pulse duration, SPICLK high(clock polarity = 1)
30
4(5)
td(SPCH-SOMI)S
Delay time, SPISOMI valid after SPICLK high
trf(SOMI) + 15
ns
(clock polarity = 0)
td(SPCL-SOMI)S
Delay time, SPISOMI valid after SPICLK low (clock
trf(SOMI) + 15
polarity = 1)
5(5)
tV(SPCH-SOMI)S
Valid time, SPISOMI data valid after SPICLK high
0
ns
(clock polarity =0)
tV(SPCL-SOMI)S
Valid time, SPISOMI data valid after SPICLK low
0
(clock polarity =1)
6(5)
tsu(SIMO-SPCL)S
Setup time, SPISIMO before SPICLK low(clock
4
ns
polarity = 0)
tsu(SIMO-SPCH)S
Setup time, SPISIMO before SPICLK high(clock
4
polarity = 1)
7(5)
th(SPCL-SIMO)S
Hold time, SPISIMO data valid after SPICLK low
6
ns
(clock polarity = 0)
th(SPCH-SIMO)S
Hold time, SPISIMO data valid after S PICLK high
6
(clock polarity = 1)
8
td(SPCL-SENAH)S
Delay time, SPIENAn high after last SPICLK low
1.5tc(VCLK)
2.5tc(VCLK)+tr(ENAn)+ 26
ns
(clock polarity = 0)
td(SPCH-SENAH)S
Delay time, SPIENAn high after last SPICLK high
1.5tc(VCLK)
2.5tc(VCLK)+tr(ENAn)+ 26
(clock polarity = 1)
9
td(SCSL-SENAL)S
Delay time, SPIENAn low after SPICSn low (if new
tf(ENAn)
tc(VCLK) + tf(ENAn)+ 18
ns
data has been written to the SPI buffer)
(1)
The MASTER bit (SPIGCR1.0) is set and the CLOCK PHASE bit (SPIFMTx.16) is set.
(2)
tc(VCLK) = interface clock cycle time = 1 /f(VCLK)
(3)
For rise and fall timings, see the "switching characteristics for output timings versus load capacitance" table.
(4)
When the SPI is in Slave mode, the following must be true:
tc(SPC)S > 2tc(VCLK) and tc(SPC)S>= 90 ns.
tw(SPCH)S > tc(VCLK) and tw(SPCL)S > tc(VCLK).
(5)
The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
84
Peripheral and Electrical Specifications
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com