Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 1 Page - Texas Instruments

  TMS570LS Datasheet HTML 1Page - Texas Instruments TMS570LS Datasheet HTML 2Page - Texas Instruments TMS570LS Datasheet HTML 3Page - Texas Instruments TMS570LS Datasheet HTML 4Page - Texas Instruments TMS570LS Datasheet HTML 5Page - Texas Instruments TMS570LS Datasheet HTML 6Page - Texas Instruments TMS570LS Datasheet HTML 7Page - Texas Instruments TMS570LS Datasheet HTML 8Page - Texas Instruments TMS570LS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
TMS570LS Series 16/32-BIT RISC Flash Microcontroller
Check for Samples: TMS570LS20206-EP, TMS570LS20216-EP
1
TMS570LS Series 16/32-BIT RISC Flash Microcontroller
1.1
Features
1
• The TMS570LS20206-EP and TMS570LS20216-
• Frequency-Modulated Zero-Pin Phase-Locked
EP use the same silicon (die) as the TMS
Loop (FMzPLL)-Based Clock Module
TMS570LS Series IEC 61508 SIL3 certified
– Oscillator and PLL clock monitor
microcontroller family however it is instead
• Up to 115 Peripheral IO pins
certified to meet GEIA-STD-00021-1 for
– 16 Dedicated GIO - 8 w/ External Interrupts
Aerospace Qualified Electronic Components
– Programmable External Clock (ECLK)
and tested for operation over the military
• Communication Interfaces
temperature range.
– Three Multi-buffered Serial Peripheral
• High-Performance Microcontroller
Interface (MibSPI) each with:
– Dual CPUs running in Lockstep
•
Four Chip Selects and one Enable pin
– ECC on Flash and SRAM
•
128 buffers with parity
– CPU and Memory BIST (Built-In Self Test)
•
One with parallel mode
– Error Signaling Module (ESM) w/ Error Pin
– Two UART (SCI) interfaces with Local
• ARM® Cortex™-R4F 32-Bit RISC CPU
Interconnect Network Interface (LIN 2.0)
– Efficient 1.6 DMIPS/MHz with 8-stage
– Three CAN (DCAN) Controller
pipeline
•
Two with 64 mailboxes, one with 32
– Floating Point Unit with Single/Double
•
Parity on mailbox RAM
Precision
– Dual Channel FlexRay™ Controller
– Memory Protection Unit (MPU)
•
8K-Byte message RAM with parity
– Open Architecture With Third-Party Support
•
Transfer Unit with MPU and parity
• Operating Features
• High-End Timer (NHET)
– Up to 160-MHz System Clock
– 32 Programmable I/O Channels
– Core Supply Voltage (VCC): 1.5 V
– 128 Words High-End Timer RAM with parity
– I/O Supply Voltage (VCCIO): 3.3 V
– Transfer Unit with MPU and parity
• Integrated Memory
• Two 12-Bit Multi-Buffered ADCs (MibADC)
– 2M-Byte Flash with ECC
– 24 total ADC Input channels
– 60K-Byte RAM with ECC
– Each has 64 Buffers with parity
• Multiple Communication interfaces including
• Trace and Calibration Interfaces
FlexRay, CAN, and LIN
– Embedded Trace Module (ETMR4)
• NHET Timer and 2x 12-bit ADCs
– Data Modification Module (DMM)
• External Memory Interface (EMIF)
– RAM Trace Port (RTP)
– 16bit Data, 22bit Address, 4 Chip Selects
– Parameter Overlay Module (POM)
• Common TMS570 Platform Architecture
• On-Chip emulation logic including IEEE 1149.1
– Consistent Memory Map across the family
JTAG, Boundary Scan and ARM Coresight
– Real-Time Interrupt (RTI) OS Timer
components
– Vectored Interrupt Module (VIM)
• Full Development Kit Available
– Cyclic Redundancy Checker (CRC,
– Development Boards
2 Channels)
– Code Composer Studio Integrated
• Direct Memory Access (DMA) Controller
Development Environment (IDE)
– 32 DMA requests and 16 Channels/ Control
– HaLCoGen Code Generation Tool
Packets
– HET Assembler and Simulator
– Parity on Control Packet Memory
– nowFlash Flash Programming Tool
– Dedicated Memory Protection Unit (MPU)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TMS570LS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0232 TI1-TMS570LS0232 Datasheet
8Mb / 109P
16- and 32-Bit RISC Flash Microcontroller
TMS570LS0232PZ TI1-TMS570LS0232PZ Datasheet
8Mb / 109P
16- and 32-Bit RISC Flash Microcontroller
TMS570LS0332 TI1-TMS570LS0332 Datasheet
2Mb / 101P
TMS570LS0432/0332 16/32-Bit RISC Flash Microcontroller
TMS570LS0332 TI1-TMS570LS0332 Datasheet
8Mb / 110P
16- and 32-Bit RISC Flash Microcontroller
TMS570LS0332 TI1-TMS570LS0332 Datasheet
8Mb / 110P
16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
16/32-Bit RISC Flash Microcontroller
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
16/32-Bit RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
16/32-BIT RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
16/32-BIT RISC FLASH MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com