Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 55 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 51Page - Texas Instruments TMS570LS Datasheet HTML 52Page - Texas Instruments TMS570LS Datasheet HTML 53Page - Texas Instruments TMS570LS Datasheet HTML 54Page - Texas Instruments TMS570LS Datasheet HTML 55Page - Texas Instruments TMS570LS Datasheet HTML 56Page - Texas Instruments TMS570LS Datasheet HTML 57Page - Texas Instruments TMS570LS Datasheet HTML 58Page - Texas Instruments TMS570LS Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
Table 4-14. System Module Access
Domain
Module
Access Mode Used by Module
Access Rights Required to
Access the Module RAMS
System
VIM
n/a
privilege mode (RWP)
System
RTP
n/a
privilege mode (RWP)
System
DMA
user mode
privilege mode (RWP)
Peripheral
HTU
privilege mode
privilege mode (RWP)
Peripheral
FTU
user & privilege mode
user & privilege mode (RW)
4.14 Debug ROM
The Debug ROM stores the location of the components on the Debug APB bus.
Table 4-15. Debug ROM Table
Address
Description
Value
Components Table
0x000
pointer to Cortex-R4
0x00001003
0x000
ETM
0x00002003
0x000
TPIU
0x00003003
0x000
POM
0x00004003
0x001
end of table
0x00000000
Copyright © 2012, Texas Instruments Incorporated
Peripherals
55
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com