Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 79 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 75Page - Texas Instruments TMS570LS Datasheet HTML 76Page - Texas Instruments TMS570LS Datasheet HTML 77Page - Texas Instruments TMS570LS Datasheet HTML 78Page - Texas Instruments TMS570LS Datasheet HTML 79Page - Texas Instruments TMS570LS Datasheet HTML 80Page - Texas Instruments TMS570LS Datasheet HTML 81Page - Texas Instruments TMS570LS Datasheet HTML 82Page - Texas Instruments TMS570LS Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
7.8
Flash Timings
Table 7-12. Timing Requirements For Program Flash
MIN
NOM
MAX
Unit
tprog(32-bit)
Full word (32-bit) programming time
33
300
µs
tprog(Total)
2M-byte programming
-40°C to 125°C
17
74
s
time(1)
0°C to 60°C, for first 25
17
25
s
cycles
tprog ECC(16-bit)
ECC programming time
33
300
µs
tprog ECC(total)
Total ECC bit
-40°C to 125°C
4.3
15
s
programming time (256k-
0°C to 60°C, for first 25
4.3
7
s
byte)
cycles
terase(sector)
Sector erase time
-40°C to 125°C
2
15
s
(including compaction)
0°C to 60°C, for first 25
1.5
10
s
cycles
terase(bank)
Bank erase time (including Bank 0
7.5
20
s
compaction),0°C to 60°C,
Bank 1
5.5
12
s
for first 25 cycles
Bank 2
5.5
12
s
Bank 3
5.5
12
s
twec
Write/erase cycles at TA = -40 to 125°C
(2)
1000
cycles
tret
Data Retention with continuous 150°C (2)
1000
hours
(1)
This programming time includes overhead of state machine, but does not include data transfer time.
(2)
Flash write/erase cycles and data retention specifications are based on a validated implementation of the TI flash API. Non-TI flash API
implementation is not supported. For detailed description see the F035 Flash Validation Procedure (SPNA127). The flash memory cells
are qualified for data retention greater than 1000 hours at 150°C. Data retention at reduced temperatures can be estimated based on an
Arrhenius model with activation energy of 1 eV.
Copyright © 2012, Texas Instruments Incorporated
Peripheral and Electrical Specifications
79
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com