Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 23Page - Texas Instruments TMS570LS Datasheet HTML 24Page - Texas Instruments TMS570LS Datasheet HTML 25Page - Texas Instruments TMS570LS Datasheet HTML 26Page - Texas Instruments TMS570LS Datasheet HTML 27Page - Texas Instruments TMS570LS Datasheet HTML 28Page - Texas Instruments TMS570LS Datasheet HTML 29Page - Texas Instruments TMS570LS Datasheet HTML 30Page - Texas Instruments TMS570LS Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
Table 2-9. Terminal Functions (continued)
Terminal
Internal
TMS570LS20216
TMS570LS20206
Type
pullup/p
Description
Name
ulldown
337
144
337
144
Multibuffered Analog-To-Digital Converter (MIBADC2)
Program
mable
AD2EVT
W13
59
W13
59
3.3V I/O
2 mA - z
MibADC2 event input pin or GIO pin
IPD
(20uA)
AD2IN[0]
V13
60
V13
60
AD2IN[1]
U13
61
U13
61
AD2IN[2]
U14
62
U14
62
AD2IN[3]
U16
63
U16
63
3.3 V I
MibADC2 analog input pins
AD2IN[4]
U15
U15
AD2IN[5]
T15
T15
AD2IN[6]
R19
R19
AD2IN[7]
R16
R16
Multibuffered Analog-To-Digital Converter - shared signals (MIBADC1, MIBADC2)
ADSIN[8]
P18
75
P18
75
ADSIN[9]
W17
74
W17
74
ADSIN[10]
U17
73
U17
73
ADSIN[11]
U19
72
U19
72
MibADC1, MibADC2 shared analog input
3.3 V I
pins
ADSIN[12]
T16
71
T16
71
ADSIN[13]
T18
70
T18
70
ADSIN[14]
R18
69
R18
69
ADSIN[15]
P19
68
P19
68
3.3-V
MibADC1, MibADC2 module high-
ADREFHI
V15
66
V15
66
REF
voltage reference input
GND
MibADC1, MibADC2 module low-voltage
ADREFLO
V16
65
V16
65
REF
reference input
3.3-V
MibADC1, MibADC2 analog supply
VCCAD
W15
67
W15
67
PWR
voltage
VSSAD
V19
64
V19
64
VSSAD
W16
W16
MibADC1, MibADC2 analog ground
GND
reference
VSSAD
W18
W18
VSSAD
W19
W19
Oscillator (OSC)
Oscillator input connection pin or
OSCIN
K1
20
K1
20
1.5V I
external clock input pin
OSCOUT
L1
21
L1
21
1.5V O
Oscillator ouptut connection pin
Kelvin_GND
L2
L2
GND
Kelvin_GND for oscillator
Copyright © 2012, Texas Instruments Incorporated
Device Overview
27
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com