Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 97 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 93Page - Texas Instruments TMS570LS Datasheet HTML 94Page - Texas Instruments TMS570LS Datasheet HTML 95Page - Texas Instruments TMS570LS Datasheet HTML 96Page - Texas Instruments TMS570LS Datasheet HTML 97Page - Texas Instruments TMS570LS Datasheet HTML 98Page - Texas Instruments TMS570LS Datasheet HTML 99Page - Texas Instruments TMS570LS Datasheet HTML 100Page - Texas Instruments TMS570LS Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
7.18.3 Operating Characteristics Over Full Ranges Of Recommended Operating Conditions
Table 7-29. Operating Characteristics Over Full Ranges Of Recommended Operating Conditions(1)
Parameter
Description/Conditions
Min
TYP
Max
Unit
Rmux
(2)
Analog input mux on-
250
Ω
resistance
Rsamp
(2)
ADC sample switch on-
150
250
Ω
resistance
Cmux
Input mux capacitance
16
pF
Csamp
ADC sample capacitance
11
12
13
pF
IAIL
Analog input leakage
Input leakage per ADC input pin
–200
200
nA
current
IADREFHI
(2)
ADREFHI input current
ADREFHI = 3.6 V, ADREFLO = VSSAD
5
mA
CR
Conversion range over
ADREFHI - ADREFLO
3
3.6
V
which specified accuracy
is maintained
EDNL
Differential nonlinearity
Difference between the actual step width and the ideal value.
±3.8
LSB
error
EINL
Integral nonlinearity error
Maximum deviation from the best straight line through the MibADC.
±3.7
LSB
MibADC transfer characteristics, excluding the quantization error.
ETOT
Total error/Absolute
Maximum value of the difference
Executing periodic
±8(3)
LSB
accuracy
between an analog value and the ideal
internal calibration
midstep value.
No calibration
±15
LSB
(1)
1 LSB = (ADREFHI – ADREFLO)/ 2
12 for the MibADC
(2)
This parameter is characterized from -40°C to 125°C only.
(3)
An periodic internal offset calibration is required to achieve the absolute accuracy. Please refer to the Analog To Digital Converter (ADC)
Module chapter of the TMS570LS Series Microcontroller Technical Reference Manual (SPNU489) and Interfacing the Embedded 12-bit
ADC (SPNA129) for more information.
Copyright © 2012, Texas Instruments Incorporated
Peripheral and Electrical Specifications
97
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com