Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 68 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 64Page - Texas Instruments TMS570LS Datasheet HTML 65Page - Texas Instruments TMS570LS Datasheet HTML 66Page - Texas Instruments TMS570LS Datasheet HTML 67Page - Texas Instruments TMS570LS Datasheet HTML 68Page - Texas Instruments TMS570LS Datasheet HTML 69Page - Texas Instruments TMS570LS Datasheet HTML 70Page - Texas Instruments TMS570LS Datasheet HTML 71Page - Texas Instruments TMS570LS Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 107 page
background image
OSCIN
OSCOUT
C1
(see Note A)
C2
Crystal
(a)
(b)
External
(toggling 0-1.5V)
Clock Signal
Kelvin_GND
(see Note B)
OSCOUT
OSCIN
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
7
Peripheral and Electrical Specifications
7.1
Clocks
7.1.1
PLL And Clock Specifications
Table 7-1. Timing Requirements For PLL Circuits Enabled Or Disabled
MIN
MAX
Unit
f(OSC)
(1)
Input clock frequency
5
MHz
f(OSC)
Input clock frequency
20
MHz
tc(OSC)
Cycle time, OSCIN
50
ns
tw(OSCIL)
Pulse duration, OSCIN low
15
ns
tw(OSCIH)
Pulse duration, OSCIN high
15
ns
f(OSCRST)
(1)
OSC FAIL frequency - upper level
20
50
MHz
f(OSCRST)
(1)
OSC FAIL frequency - lower level
1.5
5
MHz
(1)
This parameter is characterized from -40°C to 125°C only.
7.1.2
External Reference Resonator/Crystal Oscillator Clock Option
The oscillator is enabled by connecting the appropriate fundamental 5–20 MHz resonator/crystal and load
capacitors across the external OSCIN and OSCOUT pins as shown in section (a) of the figure below. The
oscillator is a single stage inverter held in bias by an integrated bias resistor. This resistor is disabled
during leakage test measurement and HALT mode.
NOTE
TI strongly encourages each customer to submit samples of the device to the
resonator/crystal vendors for validation. The vendors are equipped to determine what load
capacitors will best tune their resonator/crystal to the microcontroller device for optimum
start-up and operation over temperature/voltage extremes.
An external oscillator source can be used by connecting a 1.5V clock signal to the OSCIN pin and leaving
the OSCOUT pin unconnected (open) as shown in section (b) of the figure below.
Figure 7-1. Recommended Crystal/Clock Connection
NOTE
In figure (a), The values of C1 and C2 should be provided by the resonator/crystal vendor.
In figure (b), Kelvin_GND should not be connected to any other GND.
68
Peripheral and Electrical Specifications
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com