Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 33Page - Texas Instruments TMS570LS Datasheet HTML 34Page - Texas Instruments TMS570LS Datasheet HTML 35Page - Texas Instruments TMS570LS Datasheet HTML 36Page - Texas Instruments TMS570LS Datasheet HTML 37Page - Texas Instruments TMS570LS Datasheet HTML 38Page - Texas Instruments TMS570LS Datasheet HTML 39Page - Texas Instruments TMS570LS Datasheet HTML 40Page - Texas Instruments TMS570LS Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 107 page
background image
Prefix: TM
S = Fully TMS Qualified
P = TMP Prototype
X = TMX Samples
Core Technology:
5 = 570 Cortex R4
Architecture:
LS = Lockstep CPUs
Flash Memory Size:
20 = 2MB
RAM Memory Size:
2 = 160kB
Peripheral Set:
16 = FlexRay
06 = No FlexRay
Die Revision:
A = 1st Die Revision
Technology/Core Voltage:
S = F035 (130nm), 1.5 V nominal core voltage
Package Type:
PGE = 144p QFP Package [Green]
Temperature Range:
M = -55...+125 C
o
Quality Designator:
EP = Enhanced Product
Full Part #
TMS
570
LS
20
2 16
A
S
GWT
M
EP
Orderable Part #
S
5
LS
20
2 16
A
S
GWT
M
EP
GWT = 337p BGA Package
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
A.
For actual device part numbers (P/Ns) and ordering information, see the TI website (http://www.ti.com).
Figure 2-7. Device Numbering Conventions(A)
Copyright © 2012, Texas Instruments Incorporated
Device Overview
37
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com