Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 64 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 60Page - Texas Instruments TMS570LS Datasheet HTML 61Page - Texas Instruments TMS570LS Datasheet HTML 62Page - Texas Instruments TMS570LS Datasheet HTML 63Page - Texas Instruments TMS570LS Datasheet HTML 64Page - Texas Instruments TMS570LS Datasheet HTML 65Page - Texas Instruments TMS570LS Datasheet HTML 66Page - Texas Instruments TMS570LS Datasheet HTML 67Page - Texas Instruments TMS570LS Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
6.5
Electrical Characteristics Over Operating Free-Air Temperature Range
(1)
Parameter
Test Conditions
MIN
TYP
MAX
Unit
Vhys
Input hysteresis
0.15
V
VIL
Low-level input voltage
All inputs(2)
-0.3
0.8
V
VIH
High-level input voltage
All inputs
2
VCCIO + 0.3
V
VOL
Low-level output voltage
IOL = IOL MAX
0.2 VCCIO
V
IOL = 50 µA
0.2
VOH
High-level output voltage
IOH = IOH MAX
0.8 VCCIO
V
IOH = 50 µA
VCCIO - 0.2
VILoscin
Low-level input voltage
OSCIN
-0.3
0.2 VCC
V
VIHoscin
High-level input voltage
OSCIN
0.8 VCC
VCC + 0.3
V
VMON
Voltage monitoring
VCC low
1.0
1.2
1.35
V
threshold
VCC high
1.7
2
2.38
VCCIO low
2.0
2.4
3.0
IIC
Input clamp current
VI < VSSIO - 0.3 or VI > VCCIO + 0.3
-2
2
mA
II
Input current (I/O pins)
IIL Pulldown
VI = VSS
-1
1
µA
IIH Pulldown 20 uA
VI = VCCIO
5
40
IIH Pulldown 100 uA
VI = VCCIO
40
195
IIL Pullup 20 uA
VI = VSS
-40
-3.6
IIL Pullup 100 uA
VI = VSS
-195
-40
IIH Pullup
VI = VCCIO
-1
1
All other pins
No pullup or pulldown
-1
1
IOL
Low-level output current
TDO
VOL = VOL MAX
8
mA
TDI
TMS
RTCK
ECLK
FRAYTX1
FRAYTXEN1
FRAYTX2
FRAYTXEN2
DMMENA
ETMTRACECTL
ETMTRACECLKOUT
ETMDATA[31:0]
RTPSYNC
RTPCLK
RTPDATA[15:0]
EMIFWE
EMIFOE
EMIFCS[3:0]
EMIFDATA[15:0]
EMIFADD[21:0]
EMIFBADD[1:0]
EMIFDQM[1:0]
ERROR
(1)
Source currents (out of the device) are negative while sink currents (into the device) are positive.
(2)
This does not apply to PORRST pin.
64
Device Electrical Specifications
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com