Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 19Page - Texas Instruments TMS570LS Datasheet HTML 20Page - Texas Instruments TMS570LS Datasheet HTML 21Page - Texas Instruments TMS570LS Datasheet HTML 22Page - Texas Instruments TMS570LS Datasheet HTML 23Page - Texas Instruments TMS570LS Datasheet HTML 24Page - Texas Instruments TMS570LS Datasheet HTML 25Page - Texas Instruments TMS570LS Datasheet HTML 26Page - Texas Instruments TMS570LS Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
2.5
Terminal Functions
This following table describes the pins on the device.
NOTE
Table Abbreviations: PWR = power, GND = ground, REF = reference voltage, NC = no
connect, IPD = Internal Pull Down, IPU = Internal Pull Up, I/O = Input/Output, I = Input, O =
Output
Table 2-9. Terminal Functions
Terminal
Internal
TMS570LS20216
TMS570LS20206
Type
pullup/p
Description
Name
ulldown
337
144
337
144
HIGH-END TIMER (NHET)
NHET[0]
K18
105
K18
105
Timer input capture or output compare.
The applicable NHET pins can be
NHET[1]
V2
42
V2
42
programmed as general-purpose
NHET[2]
W5
56
W5
56
input/output (GIO) pins. NHET pins are
high-resolution.
NHET[3]
U1
41
U1
41
The high-resolution (HR) SHARE feature
NHET[4]
B12
121
B12
121
allows even HR pins to share the next
higher odd HR pin structures. The next
NHET[5]
V6
44
V6
44
higher odd HR pin structure is always
NHET[6]
W3
48
W3
48
implemented, even if the next higher odd
HR pad and/or pin itself is not. The HR
NHET[7]
T1
109
T1
109
sharing is independent of whether or not
NHET[8]
E18
112
E18
112
the odd pin is available externally. If an
odd pin is available externally and
NHET[9]
V7
57
V7
57
shared, then the odd pin can only be
NHET[10]
D19
116
D19
116
used as a general-purpose I/O.
NHET[0] provides SPI clock when used
NHET[11]
E3
117
E3
117
for SPI emulation.
NHET[12]
B4
8
B4
8
Each NHET pin is equipped with an input
suppression filter that can be used to
NHET[13]
N2
26
N2
26
eliminate the sampling of pulses that are
NHET[14]
A11
138
A11
138
smaller than a programmable duration
program
NHET[15]
N1
113
N1
113
GIOA[0]/INT[0] is also connected to the
mable
3.3V I/O
2mA - z
NHET Pin Disable input of the NHET
IPD
NHET[16]
A4
142
A4
142
module.
(20uA)
NHET[17]
A13
A13
NHET pins can be programmed as a
GIO pins when not used as NHET
NHET[18]
J1
10
J1
10
functional pins.
NHET[19]
B13
B13
NHET[20]
P2
45
P2
45
NHET[21]
H4
11
H4
11
NHET[22]
B3
9
B3
9
NHET[23]
J4
12
J4
12
NHET[24]
P1
43
P1
43
NHET[25]
M3
M3
NHET[26]
A14
A14
NHET[27]
A9
A9
NHET[28]
K19
106
K19
106
NHET[29]
A3
A3
NHET[30]
B11
137
B11
137
NHET[31]
J17
J17
Copyright © 2012, Texas Instruments Incorporated
Device Overview
23
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com