Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 58 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 58 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 54Page - Texas Instruments TMS570LS Datasheet HTML 55Page - Texas Instruments TMS570LS Datasheet HTML 56Page - Texas Instruments TMS570LS Datasheet HTML 57Page - Texas Instruments TMS570LS Datasheet HTML 58Page - Texas Instruments TMS570LS Datasheet HTML 59Page - Texas Instruments TMS570LS Datasheet HTML 60Page - Texas Instruments TMS570LS Datasheet HTML 61Page - Texas Instruments TMS570LS Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
5
Device Registers
5.1
Device Identification Code Register
The device identification code register identifies several aspects of the device including the silicon version.
The details of the device identification code register are shown in Figure 5-1. The device identification
code register value for this device is:
•
Rev 0 = 0x80206D05
•
Rev A = 0x80206D0D
Figure 5-1. Device ID Bit Allocation Register
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
CP-15
UNIQUE ID
16
R-1
R-00000 0000 10000
R-0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TECH
I/O
PERIP
FLASH ECC
RAM
VERSION
1
0
1
VOLT
HERA
ECC
AGE
L
PARIT
Y
R-011
R-0
R-1
R-10
R-1
R-1
R-1
R-0
R-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset; D= device dependent
Table 5-1. Device ID Bit Allocation Register Field Descriptions
Bit
Field
Value
Description
31
CP15
Indicates the presence of coprocessor 15
0
CP15 not present
1
CP15 present
30-17
UNIQUE ID
1
Silicon version (revision) bits This bitfield holds a unique number for a dedicated device configuration
(die).
16-13
TECH
Process technology on which the device is manufactured.
0000
C05
0001
F05
0010
C035
0011
F035
Others
Reserved
12
I/O
I/O voltage of the device.
VOLTAGE
0
I/O are 3.3v
1
I/O are 5v
11
PERIPHERA
Peripheral Parity
L PARITY
0
No parity on peripherals
1
Parity on peripherals
10-9
FLASH ECC
Flash ECC
00
No error detection/correction
01
Program memory with parity
10
Program memory with ECC
11
Reserved
8
RAM ECC
Indicates if RAM memory ECC is present.
0
No ECC implemented
1
ECC implemented
7-3
REVISION
Revision of the Device.
58
Device Registers
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com