Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 66 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 66 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 62Page - Texas Instruments TMS570LS Datasheet HTML 63Page - Texas Instruments TMS570LS Datasheet HTML 64Page - Texas Instruments TMS570LS Datasheet HTML 65Page - Texas Instruments TMS570LS Datasheet HTML 66Page - Texas Instruments TMS570LS Datasheet HTML 67Page - Texas Instruments TMS570LS Datasheet HTML 68Page - Texas Instruments TMS570LS Datasheet HTML 69Page - Texas Instruments TMS570LS Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
Electrical Characteristics Over Operating Free-Air Temperature Range(1) (continued)
Parameter
Test Conditions
MIN
TYP
MAX
Unit
IOH
High-level output current
RST
VOH = VOH MIN
-4
mA
MIBSPI1CLK
MIBSPI1SIMO
MIBSPI1SOMI
MIBSPI3CLK
MIBSPI3SIMO
MIBSPI3SOMI
MIBSPI5CLK
MIBSPI5SIMO[3:0]
MIBSPI5SOMI[3:0]
DMMDATA[15:8]
DMMDATA[4]
All other output pins
-2
ICC
(1)
VCC Digital supply
All packages
HCLK = 100MHz, VCLK = 100MHz
350
mA
current (Operating
HCLK = 140MHz, VCLK= 70MHz
390
mA
mode)
BGA packages
HCLK = 160MHz, VCLK = 80MHz
430
mA
VCC Digital supply
All packages
STCCLK = 46.666MHz
Peak
510
mA
current (CPU selftest
STCCLK = 50.0MHz
Peak
540
mA
mode: LBIST)(2)(3)
BGA packages
STCCLK = 53.333MHz
Peak
580
mA
VCC Digital supply
All packages
HCLK=80MHz,
Peak
340
mA
current (Mem selftest
VCLK=40MHz
mode: PBIST)(2)(4)
HCLK=100MHz,
Peak
430
mA
VLCK=100MHz
VCC Digital supply current (doze mode)
OSCIN = 6 MHz, VCC = 1.65 V
(5)
35
mA
VCC Digital supply current (snooze mode)
All frequencies, VCC = 1.65 V
(5)
30
mA
VCC Digital supply current (sleep mode)
All frequencies, VCC = 1.65 V
(5)
25
mA
ICCIO
VCCIO Digital supply current (operating mode)
No DC load, VCCIO = 3.6 V
(6)
15
mA
VCCIO Digital supply current (doze mode)
No DC load, VCCIO = 3.6 V
(6)
700
µA
VCCIO Digital supply current (snooze mode)
No DC load, VCCIO = 3.6 V
(6)
100
µA
VCCIO Digital supply current (sleep mode)
No DC load, VCCIO = 3.6 V
(6)
100
µA
ICCAD
VCCAD supply current (operating mode)
All frequencies, VCCAD = 3.6 V
30
mA
VCCAD supply current (doze mode)
All frequencies, VCCAD = 3.6 V
(5)
200
µA
VCCAD supply current (snooze mode)
All frequencies, VCCAD = 3.6 V
(5)
200
µA
VCCAD supply current (sleep mode)
All frequencies, VCCAD = 3.6 V
(5)
200
µA
ICCP
VCCP pump supply current
VCCP = 3.6 V read operation
25
mA
VCCP = 3.6 V program
(7)
90
mA
VCCP = 3.6 V erase
90
mA
VCCP = 3.6 V doze mode
(5)
5
µA
VCCP = 3.6 V snooze mode
(5)
5
µA
VCCP = 3.6 V sleep mode
(5)
5
µA
CI
Input capacitance(8)
2
pF
CO
Output capacitance
3
pF
(1)
Typical values are at Vcc=1.5V and maximum values are at Vcc=1.65V
(2)
The peak current is measured on the TI EVM board with two 10µF and thirteen 100nF capacitors on VCC domain. Running at a lower
frequency consumes less current.
(3)
LBIST currents specified are for execution of LBIST with a certain STC clock. Lower current consumption can be achieved by
configuring a slower STC Clock frequency. The current peak duration can last for the duration of 1 LBIST test interval.
(4)
PBIST currents specified are for execution of PBIST on all RAMs(Group 1- 14) and all the algrithms. Lower current consumption can be
achieved by configuring a slower HCLK frequency. Different algorithms consume different current. For more information, please refer to
Basic PBIST Configuration and influence on current consumption (SPNA128).
(5)
For Flash banks/pumps in sleep mode.
(6)
I/O pins configured as inputs or outputs with no load. All pulldown inputs
≤ 0.2 V. All pullup inputs ≥ VCCIO - 0.2 V.
(7)
This assumes reading from one bank while programming a different bank.
(8)
The maximum input capacitance CI of the FlexRay RX pin(s) is 10pF.
66
Device Electrical Specifications
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com