Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 24Page - Texas Instruments TMS570LS Datasheet HTML 25Page - Texas Instruments TMS570LS Datasheet HTML 26Page - Texas Instruments TMS570LS Datasheet HTML 27Page - Texas Instruments TMS570LS Datasheet HTML 28Page - Texas Instruments TMS570LS Datasheet HTML 29Page - Texas Instruments TMS570LS Datasheet HTML 30Page - Texas Instruments TMS570LS Datasheet HTML 31Page - Texas Instruments TMS570LS Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
Table 2-9. Terminal Functions (continued)
Terminal
Internal
TMS570LS20216
TMS570LS20206
Type
pullup/p
Description
Name
ulldown
337
144
337
144
System Module (SYS)
Power on Reset Pin. External power
IPD
PORRST
W7
28
W7
28
3.3V I
supply monitor circuitry must assert a
(100µA)
power-on reset on this pin.
Active Low Bidirectional Reset pin. An
external device can assert a device reset
on this pin.
The output buffer on this pin is
IPU
implemented as an open drain (drives
RST
B17
85
B17
85
4mA
(100µA)
low only).
3.3V I/O
To ensure an external reset is not
arbitrarily generated, TI recommends
that an external pullup resistor is
connected to this pin.
IPD
External Clock Prescaler module output
ECLK
A12
88
A12
88
8mA
(20µA)
pin or GIO pin
Tset/Debug (T/D)
IPD
JTAG test clock pin. Clocks the JTAG
TCK
B18
30
B18
30
3.3V I
(100uA)
debug logic.
RTCK
A16
35
A16
35
3.3V O
JTAG return test clock pin. (JTAG)
IPU
TDI
A17
34
A17
34
JTAG test data in pin.
(100uA)
IPD
8 mA
TDO
C18
33
C18
33
JTAG test data out pin.
3.3V I/O
(100uA)
JTAG serial input pin for controlling the
IPU
TMS
C19
36
C19
36
state of the CPU test access port (TAP)
(100uA)
controller.
JTAG test hardware reset to TAP. IEEE
IPD
TRST
D18
29
D18
29
Standard 1149-1 (JTAG) Boundary-Scan
(100uA)
Logic
3.3V I
Test enable pin. Reserved for internal TI
IPD
use only. For proper operation, this pin
TEST
U2
58
U2
58
(100uA)
must be connected to ground, e.g. using
a external resistor.
Error Signaling Module (ESM)
IPD
ERROR
B14
143
B14
143
3.3V I/O
8mA
Error Signaling pin
(20uA)
Flash
Flash Test Pad 1 pin. For proper
operation this pin must connect only to a
test pad or not be connected at all [no
FLTP1
J5
122
J5
122
connect (NC)]. The test pad must not be
exposed in the final product where it
might be subjected to an ESD event.
Flash Test Pad 2 pin. For proper
operation this pin must connect only to a
test pad or not be connected at all [no
FLTP2
H5
123
H5
123
connect (NC)]. The test pad must not be
exposed in the final product where it
might be subjected to an ESD event.
Flash pump voltage supply (3.3 V). This
3.3V
VCCP
F8
128
F8
128
pin is required for Flash read, program
PWR
and erase operations.
28
Device Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com