Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 96 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 96 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 92Page - Texas Instruments TMS570LS Datasheet HTML 93Page - Texas Instruments TMS570LS Datasheet HTML 94Page - Texas Instruments TMS570LS Datasheet HTML 95Page - Texas Instruments TMS570LS Datasheet HTML 96Page - Texas Instruments TMS570LS Datasheet HTML 97Page - Texas Instruments TMS570LS Datasheet HTML 98Page - Texas Instruments TMS570LS Datasheet HTML 99Page - Texas Instruments TMS570LS Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 107 page
background image
HCLK
DMMCLK
DMMSYNC
DMMDATA
DMMENA
D00
D01
D10
D11
D20
D21
D30
D31
D40
D41
D50
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
7.17.3 DMMENA Timing
Figure 7-26. DMMENA Timing
The above figure shows a case with 1 DMM packet per 2 DMMCLK cycles (Mode = Direct Data Mode,
data width = 8, portwidth = 4) where none of the packets received by the DMM are sent out, leading to
filling up of the internal buffers. The DMMENA signal is shown asserted, after the first two packets have
been received and synchronized to the HCLK domain. Here, the DMM has the capacity to accept packets
D4, D5, D6, D7. Packet D8 would result in an overflow. Once DMMENA is asserted, the DMM expects to
stop receiving packets after 4 HCLK cycles; once DMMENA is de-asserted, the DMM can handle packets
immediately (after 0 HCLK cycles).
7.18 MibADC
7.18.1 MibADC
The multibuffered A-to-D converter (MibADC) has a separate power bus for its analog circuitry that
enhances the A-to-D performance by preventing digital switching noise on the logic circuitry which could
be present on VSS and VCC from coupling into the A-to-D analog stage. All A-to-D specifications are
given with respect to ADREFLO unless otherwise noted.
Table 7-27. MibADC
Resolution
12 bits (4096 values)
Monotonic
Assured
Output conversion
φcode
00h to FFFh [00 for VAI ≤ADREFLO; FFF for VAI ≥ ADREFHI]
7.18.2 MibADC Recommended Operating Conditions
Table 7-28. MibADC Recommended Operating Conditions(1)
MIN
MAX
UNIT
ADREFHI
A-to-D high-voltage reference source
3
3.6
V
ADREFLO
A-to-D low-voltage reference source
0
0.3
V
VAI
Analog input voltage
ADREFLO
ADREFHI
V
IAIC
Analog input clamp current(2)
-2
2
mA
(VAI < VSSAD – 0.3 or VAI > VCCAD +
0.3)
(1)
For VCCAD and VSSAD recommended operating conditions, see the "device recommended operating conditions" table.
(2)
Input currents into any ADC input channel outside the specified limits could affect conversion results of other channels.
96
Peripheral and Electrical Specifications
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com