Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 29Page - Texas Instruments TMS570LS Datasheet HTML 30Page - Texas Instruments TMS570LS Datasheet HTML 31Page - Texas Instruments TMS570LS Datasheet HTML 32Page - Texas Instruments TMS570LS Datasheet HTML 33Page - Texas Instruments TMS570LS Datasheet HTML 34Page - Texas Instruments TMS570LS Datasheet HTML 35Page - Texas Instruments TMS570LS Datasheet HTML 36Page - Texas Instruments TMS570LS Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
Table 2-9. Terminal Functions (continued)
Terminal
Internal
TMS570LS20216
TMS570LS20206
Type
pullup/p
Description
Name
ulldown
337
144
337
144
Embedded Trace Module (ETM)
ETMDATA[0]
R12
R12
ETMDATA[1]
R13
R13
ETMDATA[2]
J15
J15
ETMDATA[3]
H15
H15
ETMDATA[4]
G15
G15
ETMDATA[5]
F15
F15
ETMDATA[6]
E15
E15
ETMDATA[7]
E14
E14
ETMDATA[8]
E9
E9
ETMDATA[9]
E8
E8
ETMDATA[10]
E7
E7
ETMDATA[11]
E6
E6
ETMDATA[12]
E13
E13
ETMDATA[13]
E12
E12
ETMDATA[14]
E11
E11
ETMDATA[15]
E10
E10
3.3V O
8mA
ETM Trace Data output pins
ETMDATA[16]
K15
K15
ETMDATA[17]
L15
L15
ETMDATA[18]
M15
M15
ETMDATA[19]
N15
N15
ETMDATA[20]
E5
E5
ETMDATA[21]
F5
F5
ETMDATA[22]
G5
G5
ETMDATA[23]
K5
K5
ETMDATA[24]
L5
L5
ETMDATA[25]
M5
M5
ETMDATA[26]
N5
N5
ETMDATA[27]
P5
P5
ETMDATA[28]
R5
R5
ETMDATA[29]
R6
R6
ETMDATA[30]
R7
R7
ETMDATA[31]
R8
R8
ETMTRACECTL
R11
R11
ETM Control pin
3.3V O
8mA
ETMTRACECLKO
R10
R10
ETM Clock output pin
UT
IPU
ETMTRACECLKIN
R9
R9
3.3V I
ETM Clock input pin
(20uA)
Copyright © 2012, Texas Instruments Incorporated
Device Overview
33
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com