Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 44 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 40Page - Texas Instruments TMS570LS Datasheet HTML 41Page - Texas Instruments TMS570LS Datasheet HTML 42Page - Texas Instruments TMS570LS Datasheet HTML 43Page - Texas Instruments TMS570LS Datasheet HTML 44Page - Texas Instruments TMS570LS Datasheet HTML 45Page - Texas Instruments TMS570LS Datasheet HTML 46Page - Texas Instruments TMS570LS Datasheet HTML 47Page - Texas Instruments TMS570LS Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
4.2
Direct Memory Access (DMA)
The direct-memory access (DMA) controller transfers data to and from any specified location in the device
memory map. The DMA supports data transfer for both on-chip memories and peripherals.
The DMA controller on this device supports 16 channels and 32 request lines. Each of the 32 DMA
requests are assigned by default to one of the 16 available channels. For DMA requests multiplexed
between multiple sources, the DMA controller cannot differentiate between the multiple sources and the
user has to ensure that multiple sources are not enabled at the same time. Please refer to the DMA
Specification in the TRM for more details.
The DMA request configuration is shown in the following table.
Table 4-3. DMA Request Line Connection
Modules
DMA Request Sources
DMA Request
MIBSPI1
MIBSPI1[1](1)
DMAREQ[0]
MIBSPI1
MIBSPI1[0](2)
DMAREQ[1]
Reserved
Reserved
DMAREQ[2]
Reserved
Reserved
DMAREQ[3]
MIBSPI1 / MIBSPI3 / DCAN2
MIBSPI1[2] / MIBSPI3[2] / DCAN2 IF3
DMAREQ[4]
MIBSPI1 / MIBSPI3 / DCAN2
MIBSPI1[3] / MIBSPI3[3] / DCAN2 IF2
DMAREQ[5]
MIBSPIP5 / DCAN1
MIBSPIP5[2] / DCAN1 IF2
DMAREQ[6]
MIBADC1 / MIBSPIP5
MIBADC1 event / MIBSPIP5[3]
DMAREQ[7]
MIBSPI1 / MIBSPI3 / DCAN1
MIBSPI1[4] / MIBSPI3[4] / DCAN1 IF1
DMAREQ[8]
MIBSPI1 / MIBSPI3 / DCAN2
MIBSPI1[5] / MIBSPI3[5] / DCAN2 IF1
DMAREQ[9]
MIBADC1 / MIBSPIP5
MIBADC1 G1 / MIBSPIP5[4]
DMAREQ[10]
MIBADC1 / MIBSPIP5
MIBADC1 G2 / MIBSPIP5[5]
DMAREQ[11]
RTI / MIBSPI1 / MIBSPI3
RTI DMAREQ0 / MIBSPI1[6] / MIBSPI3[6]
DMAREQ[12]
RTI / MIBSPI1 / MIBSPI3
RTI DMAREQ1 / MIBSPI1[7] / MIBSPI3[7]
DMAREQ[13]
MIBADC2 / MIBSPI3 / MIBSPIP5
MIBADC2 event / MIBSPI3[1](1) / MIBSPIP5[6]
DMAREQ[14]
MIBSPI3 / MIBSPIP5
MIBSPI3[0]† / MIBSPIP5[7]
DMAREQ[15]
MIBADC2 / MIBSPI1 / MIBSPI3 / DCAN1
MIBADC2 G1 / MIBSPI1[8] / MIBSPI3[8] / DCAN1
DMAREQ[16]
IF3
MIBADC2 / MIBSPI1 / MIBSPI3 / DCAN3
MIBADC2 G2 / MIBSPI1[9] / MIBSPI3[9] / DCAN3
DMAREQ[17]
IF1
RTI / MIBSPIP5
RTI DMAREQ2 / MIBSPIP5[8]
DMAREQ[18]
RTI / MIBSPIP5
RTI DMAREQ3 / MIBSPIP5[9]
DMAREQ[19]
LIN2 / NHET / DCAN3
LIN2 receive / NHET DMAREQ[4] / DCAN3 IF2
DMAREQ[20]
LIN2 / NHET / DCAN3
LIN2 transmit / NHET DMAREQ[5] / DCAN3 IF3
DMAREQ[21]
MIBSPI1 / MIBSPI3 / MIBSPIP5
MIBSPI1[10] / MIBSPI3[10] / MIBSPIP5[10]
DMAREQ[22]
MIBSPI1 / MIBSPI3 / MIBSPIP5
MIBSPI1[11] / MIBSPI3[11] / MIBSPIP5[11]
DMAREQ[23]
NHET / MIBSPIP5
NHET DMAREQ[6] / MIBSPIP5[12]
DMAREQ[24]
NHET / MIBSPIP5
NHET DMAREQ[7] / MIBSPIP5[13]
DMAREQ[25]
CRC / MIBSPI1 / MIBSPI3
CRC DMAREQ[0] / MIBSPI1[12] / MIBSPI3[12]
DMAREQ[26]
CRC / MIBSPI1 / MIBSPI3
CRC DMAREQ[1] / MIBSPI1[13] / MIBSPI3[13]
DMAREQ[27]
LIN1 / MIBSPIP5
LIN1 receive / MIBSPIP5[14]
DMAREQ[28]
LIN1 / MIBSPIP5
LIN1 transmit / MIBSPIP5[15]
DMAREQ[29]
MIBSPI1 / MIBSPI3 / MIBSPIP5
MIBSPI1[14] / MIBSPI3[14] / MIBSPIP5[1](1)
DMAREQ[30]
MIBSPI1 / MIBSPI3 / MIBSPIP5
MIBSPI1[15] / MIBSPI3[15] / MIBSPIP5[0](2)
DMAREQ[31]
(1)
SPI1, SPI3, SPI5 receive in standard SPI/compatibility mode
(2)
SPI1, SPI3, SPI5 transmit in standard SPI/compatibility mode
44
Peripherals
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com