Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 67 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 63Page - Texas Instruments TMS570LS Datasheet HTML 64Page - Texas Instruments TMS570LS Datasheet HTML 65Page - Texas Instruments TMS570LS Datasheet HTML 66Page - Texas Instruments TMS570LS Datasheet HTML 67Page - Texas Instruments TMS570LS Datasheet HTML 68Page - Texas Instruments TMS570LS Datasheet HTML 69Page - Texas Instruments TMS570LS Datasheet HTML 70Page - Texas Instruments TMS570LS Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 107 page
background image
1000.00
10000.00
100000.00
1000000.00
10000000.00
100000000.00
80
90
100
110
120
130
140
150
160
170
Continuous TJ (°C)
`
Wirebond Voiding Fail Mode
GWT
PGE
1000
10000
100000
1000000
80
90
100
110
120
130
140
150
160
Continuous Junction Temperature (°C)
G001
Electromigration Fail Mode
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
(1)
See the absolute maximum ratings and the recommended operating conditions.
(2)
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect life).
(3)
The predicted operating lifetime vs junction temperature is based on reliability modeling using electromigration as the dominant
failure mechanism affecting device wearout for the specific device process and design characteristics.
Figure 6-1. TMS570LS20206-EP and TMS570LS20216-EP Operating Life Derating Chart
Figure 6-2. TMS570LS20206-EP and TMS570LS20216-EP Wirebond Voiding Fail Mode
Copyright © 2012, Texas Instruments Incorporated
Device Electrical Specifications
67
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com