Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 90 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 90 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 86Page - Texas Instruments TMS570LS Datasheet HTML 87Page - Texas Instruments TMS570LS Datasheet HTML 88Page - Texas Instruments TMS570LS Datasheet HTML 89Page - Texas Instruments TMS570LS Datasheet HTML 90Page - Texas Instruments TMS570LS Datasheet HTML 91Page - Texas Instruments TMS570LS Datasheet HTML 92Page - Texas Instruments TMS570LS Datasheet HTML 93Page - Texas Instruments TMS570LS Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 107 page
background image
EMIFCS[3:0]
EMIFBADD[1:0]
EMIFR/W
EMIFADD[21:0]
EMIFOE
EMIFD[15:0]
EMIFWE
2
1
3
5
7
9
8
6
4
11
10
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
Table 7-19. EMIF Read/Write Mode Switching Characteristics(1)(2) (continued)
NO
Parameter
Description
MIN
MAX
Unit
18
th(EMWEH-EMAIV)
Output hold time, EMIFWE high to
(WH +1) * E -
(WH +1) * E -
ns
EMIFADD[21:0] invalid
tr(WE) - 5
tr(WE) + 6
19
tw(EMWEL)
(1)
EMIFWE active low width
(WST +1) * E -
(WST +1) * E -
tf(WE) - 1
tf(WE) + 1
20
tsu(EMDV-ENWEL)
Output setup time, EMIFD[15:0] valid to EMIFWE
(WS +1) * E -
(WS +1) * E -
ns
low
trf(DA) + tf(WE) - 6
trf(DA) + tf(WE) +
5
21
th(EMWEH-EMDIV)
Output hold time, EMIFD[15:0] valid after
(WH +1) * E -
(WH +1) * E -
ns
EMIFWE high
tr(WE) - 5
tr(WE) + 5
(1)
Parameters characterized from -40°C to 125°C only.
7.14.1 Read Timing (Asynchronous RAM)
Figure 7-17. Asynchronous Memory Read Timing for EMIF
90
Peripheral and Electrical Specifications
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com