Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 12Page - Texas Instruments TMS570LS Datasheet HTML 13Page - Texas Instruments TMS570LS Datasheet HTML 14Page - Texas Instruments TMS570LS Datasheet HTML 15Page - Texas Instruments TMS570LS Datasheet HTML 16Page - Texas Instruments TMS570LS Datasheet HTML 17Page - Texas Instruments TMS570LS Datasheet HTML 18Page - Texas Instruments TMS570LS Datasheet HTML 19Page - Texas Instruments TMS570LS Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
2.3.5
Memory Auto-Initialization
This device allows some of the on-chip memories to be initialized via the memory hardware initialization
control registers in the System module. The purpose of having the hardware initialization is to program the
memory arrays with error detection capability to a known state based on their error detection scheme
(odd/even parity or ECC). The MINITGCR register enables the memory initialization sequence, and the
MSINENA register selects the memories that are to be initialized. Please refer to the Architecture chapter
of the Technical Reference Manual (TRM) for more information.
The mapping of the different memories to the specific bits in the MSINENA register is shown in the
following table.
Table 2-7. Memory Initialization
Connecting Module
Address Range
RAM Select
Base Address
Ending Address
RAM
0x08000000
0x0801FFFF
0
MIBSPIP5 RAM
0xFF0A0000
0xF0BFFFFF
12
MIBSPI3 RAM
0xFF0C0000
0xFF0DFFFF
11
MIBSPI1 RAM
0xFF0E0000
0xFF0FFFFF
7
DCAN3 RAM
0xFF1A0000
0xFF1BFFFF
10
DCAN2 RAM
0xFF1C0000
0xFF1DFFFF
6
DCAN1 RAM
0xFF1E0000
0xFF1FFFFF
5
FlexRay RAM
RAM is not visible
9(1)
MIBADC2 RAM
0xFF3A0000
0xFF3BFFFF
14
MIBADC1 RAM
0xFF3E0000
0xFF3FFFFF
8
NHET RAM
0xFF460000
0xFF47FFFF
3
HET TU RAM
0xFF4E0000
0xFF4FFFFF
4
DMA RAM
0xFFF80000
0xFFF80FFF
1
VIM RAM
0xFFF82000
0xFFF82FFF
2
FlexRay TU RAM
0xFF500000
0xFF51FFFF
13
(1)
reserved only; the FlexRay RAM has its own Initialization mechanism.
The associated ECC RAM will get initialized as well, if the ECC functionality is enabled.
The associated Parity RAM will get initialized as well, if the Parity functionality is enabled.
NOTE
The user must initialize entire SRAM with ECC bits to avoid ECC errors due to Cortex R4
speculative fetches if SRAM ECC is enabled.
16
Device Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com