Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9173 Datasheet HTML 30Page - Analog Devices AD9173 Datasheet HTML 31Page - Analog Devices AD9173 Datasheet HTML 32Page - Analog Devices AD9173 Datasheet HTML 33Page - Analog Devices AD9173 Datasheet HTML 34Page - Analog Devices AD9173 Datasheet HTML 35Page - Analog Devices AD9173 Datasheet HTML 36Page - Analog Devices AD9173 Datasheet HTML 37Page - Analog Devices AD9173 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 144 page
background image
Data Sheet
AD9173
JESD204B SERIAL DATA INTERFACE
analog.com
Rev. C | 34 of 144
PHYSICAL LAYER
The physical layer of the JESD204B interface, hereafter referred
to as the deserializer, has eight identical channels. Each channel
consists of the termination, an equalizer, a clock and data recovery
(CDR) circuit, and the 1:40 demux function (see Figure 49).
Figure 49. Deserializer Block Diagram
JESD204B data is input to the AD9173 via the SERDINx± differen-
tial input pins, per the JESD204B specification.
Interface Power-Up and Input Termination
Before using the JESD204B interface, it must be powered up by
setting Register 0x200, Bit 0 = 0. In addition, each physical lane
(PHY) that is not being used (SERDINx±) must be powered down.
To do so, set the corresponding Bit x for Physical Lane x in
Register 0x201 to 0 if the physical lane is being used, and to 1 if it
is not being used.
The AD9173 autocalibrates the input termination to 50 Ω. This
calibration routine is performed automatically when the JESD204B
interface blocks are configured and does not require any additional
SPI register writes.
Receiver Eye Mask
The AD9173 is compatible with the JESD204B specification regard-
ing the receiver eye mask and is capable of capturing data that
complies with the mask in Figure 50. Figure 50 shows the receiver
eye normalized to the data rate interval. The AD9173 also supports
an increased insertion loss limit, as defined in the Equalization
section.
Figure 50. Receiver Eye Mask
Clock Relationships
The following clocks rates are used throughout the rest of the
JESD204B section. The relationship between any of the clocks can
be derived from the following equations:
Data Rate = DAC Rate/Total Interpolation
Lane Rate = (M/L) × NP × (10/8) × Data Rate
Byte Rate = Lane Rate/10
This relationship comes from 8-bit/10-bit encoding, where each byte
is represented by 10 bits.
PCLK Rate = Byte Rate/4
Figure 51. SERDES PLL Synthesizer Block Diagram Including VCO Divider Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com