Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 100 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 100 Page - Analog Devices

Back Button AD9173 Datasheet HTML 96Page - Analog Devices AD9173 Datasheet HTML 97Page - Analog Devices AD9173 Datasheet HTML 98Page - Analog Devices AD9173 Datasheet HTML 99Page - Analog Devices AD9173 Datasheet HTML 100Page - Analog Devices AD9173 Datasheet HTML 101Page - Analog Devices AD9173 Datasheet HTML 102Page - Analog Devices AD9173 Datasheet HTML 103Page - Analog Devices AD9173 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 100 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
is loaded properly. This control is paged by the
CHANNEL_PAGE bits in Register 0x008.
0
FTW is not loaded.
1
FTW is loaded.
0
DDSC_FTW_
LOAD_REQ
Frequency tuning word update request from the SPI.
This control is paged by the CHANNEL_PAGE bits in
Register 0x008.
0x0
R/W
0
No FTW update.
1
0 to 1 transition loads the FTW.
0x132
DDSC_FTW0
[7:0]
DDSC_FTW[7:0]
Sets the channel datapath NCO FTW.
If DDSC_MODULUS_EN is low, the main
datapath NCO frequency = fDAC ×
(DDSC_FTW/248). If DDSC_MODULUS_EN is
high, main datapath NCO frequency =
fDAC × (DDSC_FTW + DDSC_ACC_DELTA/
DDSC_ACC_MODULUS)/248. DDSC_ACC_DELTA
must be > 0. DDSC_ACC_DELTA must be >
DDSC_ACC_MODULUS. This control is paged by the
CHANNEL_PAGE bits in Register 0x008.
0x0
R/W
0x133
DDSC_FTW1
[7:0]
DDSC_FTW[15:8]
Sets the channel datapath NCO FTW.
If DDSC_MODULUS_EN is low, the main
datapath NCO frequency = fDAC ×
(DDSC_FTW/248). If DDSC_MODULUS_EN is
high, main datapath NCO frequency =
fDAC × (DDSC_FTW + DDSC_ACC_DELTA/
DDSC_ACC_MODULUS)/248. DDSC_ACC_DELTA
must be > 0. DDSC_ACC_DELTA must be >
DDSC_ACC_MODULUS. This control is paged by the
CHANNEL_PAGE bits in Register 0x008.
0x0
R/W
0x134
DDSC_FTW2
[7:0]
DDSC_FTW[23:16]
Sets the channel datapath NCO FTW.
If DDSC_MODULUS_EN is low, the main
datapath NCO frequency = fDAC ×
(DDSC_FTW/248). If DDSC_MODULUS_EN is
high, main datapath NCO frequency =
fDAC × (DDSC_FTW + DDSC_ACC_DELTA/
DDSC_ACC_MODULUS)/248. DDSC_ACC_DELTA
must be > 0. DDSC_ACC_DELTA must be >
DDSC_ACC_MODULUS. This control is paged by the
CHANNEL_PAGE bits in Register 0x008.
0x0
R/W
0x135
DDSC_FTW3
[7:0]
DDSC_FTW[31:24]
Sets the channel datapath NCO FTW.
If DDSC_MODULUS_EN is low, the main
datapath NCO frequency = fDAC ×
(DDSC_FTW/248). If DDSC_MODULUS_EN is
high, main datapath NCO frequency =
fDAC × (DDSC_FTW + DDSC_ACC_DELTA/
DDSC_ACC_MODULUS)/248. DDSC_ACC_DELTA
must be > 0. DDSC_ACC_DELTA must be >
DDSC_ACC_MODULUS. This control is paged by the
CHANNEL_PAGE bits in Register 0x008.
0x0
R/W
0x136
DDSC_FTW4
[7:0]
DDSC_FTW[39:32]
Sets the channel datapath NCO FTW.
If DDSC_MODULUS_EN is low, the main
datapath NCO frequency = fDAC ×
(DDSC_FTW/248). If DDSC_MODULUS_EN is
high, main datapath NCO frequency =
fDAC × (DDSC_FTW + DDSC_ACC_DELTA/
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com