Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 104 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 104 Page - Analog Devices

Back Button AD9173 Datasheet HTML 100Page - Analog Devices AD9173 Datasheet HTML 101Page - Analog Devices AD9173 Datasheet HTML 102Page - Analog Devices AD9173 Datasheet HTML 103Page - Analog Devices AD9173 Datasheet HTML 104Page - Analog Devices AD9173 Datasheet HTML 105Page - Analog Devices AD9173 Datasheet HTML 106Page - Analog Devices AD9173 Datasheet HTML 107Page - Analog Devices AD9173 Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 104 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
1
Select Channel 1 for PRBS_COUNT_x and
PRBS_GOOD_x (Channel 1, DAC0).
2
Select Channel 2 for PRBS_COUNT_x and
PRBS_GOOD_x (Channel 2, DAC0).
3
Select Channel 3 for PRBS_COUNT_x and
PRBS_GOOD_x (Channel 0, DAC1).
4
Select Channel 4 for PRBS_COUNT_x and
PRBS_GOOD_x (Channel 1, DAC1).
5
Select Channel 5 for PRBS_COUNT_x and
PRBS_GOOD_x (Channel 2, DAC1).
6
OR all channels for PRBS_GOOD_x, sum all
channels for PRBS_COUNT_x.
0x151
DECODE_MODE
[7:6]
RESERVED
Reserved.
0x0
R/W
[5:4]
MSB_MODE
MSB shuffling control.
0x0
R/W
[3:0]
RESERVED
Reserved.
0x0
R
0x1DE
SPI_ENABLE
[7:2]
RESERVED
Reserved.
0x0
R
1
SPI_EN1
Enable SPI control.
0x1
R/W
0
SPI_EN0
Enable SPI control.
0x1
R/W
0x1E2
DDSM_CAL_FTW0
[7:0]
DDSM_CAL_
FTW[7:0]
FTW of the calibration accumulator. This control
is paged by the MAINDAC_PAGE bits in Register
0x008.
0x0
R/W
0x1E3
DDSM_CAL_FTW1
[7:0]
DDSM_CAL_
FTW[15:8]
FTW of the calibration accumulator. This control
is paged by the MAINDAC_PAGE bits in Register
0x008.
0x0
R/W
0x1E4
DDSM_CAL_FTW2
[7:0]
DDSM_CAL_
FTW[23:16]
FTW of the calibration accumulator. This control
is paged by the MAINDAC_PAGE bits in Register
0x008.
0x0
R/W
0x1E5
DDSM_CAL_FTW3
[7:0]
DDSM_CAL_
FTW[31:24]
FTW of the calibration accumulator. This control
is paged by the MAINDAC_PAGE bits in Register
0x008.
0x0
R/W
0x1E6
DDSM_CAL_
[7:3]
RESERVED
Reserved.
0x0
R
MODE_DEF
2
DDSM_EN_CAL_
ACC
Enable clock calibration accumulator. This bit must be
first set high, and then must load the calibration FTW
into Register 0x1E2 to Register 0x1E5 to take effect.
This control is paged by the MAINDAC_PAGE bits in
Register 0x008.
0x0
R/W
0
Disabled (does not clock the calibration frequency
accumulator).
1
Enables (turns on the clock to the calibration
frequency accumulator).
1
DDSM_EN_CAL_
DC_INPUT
Enable dc input to calibration DDS. This control
is paged by the MAINDAC_PAGE bits in Register
0x008.
0x0
R/W
0
Mux in datapath signal to the input of the final DDS.
1
Mux in dc to the input of the final DDS.
0
DDSM_EN_CAL_
FREQ_TUNE
Enable tuning of the signal to calibration frequency
for DAC0 only. This control is paged by the
MAINDAC_PAGE bits in Register 0x008.
0x0
R/W
0
Disable calibration frequency tuning.
1
Enable calibration frequency tuning.
0x1E7
DATAPATH_NCO_
[7:2]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com