Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 4 Page - Analog Devices

  AD9173 Datasheet HTML 1Page - Analog Devices AD9173 Datasheet HTML 2Page - Analog Devices AD9173 Datasheet HTML 3Page - Analog Devices AD9173 Datasheet HTML 4Page - Analog Devices AD9173 Datasheet HTML 5Page - Analog Devices AD9173 Datasheet HTML 6Page - Analog Devices AD9173 Datasheet HTML 7Page - Analog Devices AD9173 Datasheet HTML 8Page - Analog Devices AD9173 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 144 page
background image
Data Sheet
AD9173
SPECIFICATIONS
analog.com
Rev. C | 4 of 144
DC SPECIFICATIONS
AVDD1.0 = 1.0 V, AVDD1.8 = 1.8 V, DVDD1.0 = 1.0 V, DVDD1.8 = 1.8 V, SVDD1.0 = 1.0 V, and DAC output full-scale current (IOUTFS) = 20 mA,
unless otherwise noted. For the minimum and maximum values, TJ = −40°C to +118°C. For the typical values, TA = 25°C, which corresponds to
TJ = 51°C.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bit
ACCURACY
Integral Nonlinearity (INL)
±7
LSB
Differential Nonlinearity (DNL)
±7
LSB
ANALOG OUTPUTS (DAC0+, DAC0−, DAC1+, DAC1−)
Gain Error (with Internal ISET Reference)
±15
%
Full-Scale Output Current
Minimum
RSET = 5 kΩ
14.2
16
17.8
mA
Maximum
RSET = 5 kΩ
23.6
26
28.8
mA
Common-Mode Voltage
0
V
Differential Impedance
100
Ω
DAC DEVICE CLOCK INPUT (CLKIN+, CLKIN−)
Differential Input Power
RLOAD = 100 Ω differential on-chip
Minimum
0
dBm
Maximum
6
dBm
Differential Input Impedance1
100
Ω
Common-Mode Voltage
AC-coupled
0.5
V
CLOCK OUTPUT DRIVER (CLKOUT+, CLKOUT−)
Differential Output Power
Minimum
−9
dBm
Maximum
0
dBm
Differential Output Impedance
100
Ω
Common-Mode Voltage
AC-coupled
0.5
V
Output Frequency
727.5
3000
MHz
TEMPERATURE DRIFT
Gain
10
ppm/°C
REFERENCE
Internal Reference Voltage
0.495
V
ANALOG SUPPLY VOLTAGES
AVDD1.0
0.95
1.0
1.05
V
AVDD1.8
1.71
1.8
1.89
V
DIGITAL SUPPLY VOLTAGES
DVDD1.0
0.95
1.0
1.05
V
DAVDD1.0
0.95
1.0
1.05
V
DVDD1.8
1.71
1.8
1.89
V
SERDES SUPPLY VOLTAGES
SVDD1.0
0.95
1.0
1.05
V
1 See the DAC Input Clock Configurations section for more details.
DIGITAL SPECIFICATIONS
AVDD1.0 = 1.0 V, AVDD1.8 = 1.8 V, DVDD1.0 = 1.0 V, DVDD1.8 = 1.8 V, SVDD1.0 = 1.0 V, and DAC IOUTFS = 20 mA, unless otherwise noted.
For the minimum and maximum values, TJ = −40°C to +118°C. For the typical values, TA = +25°C, which corresponds to TJ = 51°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com