Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 63 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9173 Datasheet HTML 59Page - Analog Devices AD9173 Datasheet HTML 60Page - Analog Devices AD9173 Datasheet HTML 61Page - Analog Devices AD9173 Datasheet HTML 62Page - Analog Devices AD9173 Datasheet HTML 63Page - Analog Devices AD9173 Datasheet HTML 64Page - Analog Devices AD9173 Datasheet HTML 65Page - Analog Devices AD9173 Datasheet HTML 66Page - Analog Devices AD9173 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 144 page
background image
Data Sheet
AD9173
APPLICATIONS INFORMATION
analog.com
Rev. C | 63 of 144
SYNCOUT±, SYSREF±, and CLK± Signals
The SYSREF± signal on the AD9173 is a low speed, LVDS,
differential signal. The SYNCOUTx± signals are LVDS or CMOS se-
lectable. When LVDS mode is selected, use controlled impedance
traces routed as 100 Ω differential impedance and 50 Ω to ground
when routing these signals. As with the SERDIN0± to SERDIN7±
data pairs, it is important to keep these signals separated from
potential noise sources, such as high speed digital signals and
noisy supplies. Separate the SYNCOUTx± signal from other noisy
signals because noise on the SYNCOUTx± may be interpreted as
a request for /K/ characters. It is important to keep similar trace
lengths for the CLK± and SYSREF± signals from the clock source
to each of the devices on either end of the JESD204B links (see
Figure 85). If using a clock chip that can tightly control the phase
of CLK± and SYSREF±, the trace length matching requirements are
greatly reduced. The AD9516-0, ADCLK925, and HMC7044 are a
few examples of possible clocking solutions depending on system
requirements.
Figure 85. SYSREF± Signal and Device Clock Trace Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com