Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9173 Datasheet HTML 37Page - Analog Devices AD9173 Datasheet HTML 38Page - Analog Devices AD9173 Datasheet HTML 39Page - Analog Devices AD9173 Datasheet HTML 40Page - Analog Devices AD9173 Datasheet HTML 41Page - Analog Devices AD9173 Datasheet HTML 42Page - Analog Devices AD9173 Datasheet HTML 43Page - Analog Devices AD9173 Datasheet HTML 44Page - Analog Devices AD9173 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 144 page
background image
Data Sheet
AD9173
JESD204B SERIAL DATA INTERFACE
analog.com
Rev. C | 41 of 144
Link Delay
The link delay of a JESD204B system is the sum of the fixed
and variable delays from the transmitter, channel, and receiver as
shown in Figure 59.
For proper functioning, all lanes on a link must be read during
the same LMFC period. Section 6.1 of the JESD204B specification
states that the LMFC period must be larger than the maximum link
delay. For the AD9173, this is not necessarily the case; instead,
the AD9173 use a local LMFC for each link (LMFCRx) that can be
delayed from the SYSREF± aligned LMFC. Because the LMFC is
periodic, this delay can account for any amount of fixed delay. As a
result, the LMFC period must only be larger than the variation in the
link delays, and the AD9173 can achieve proper performance with
a smaller total latency. Figure 60 and Figure 61 show a case where
the link delay is greater than an LMFC period. Note that it can be
accommodated by delaying LMFCRx.
Figure 60. Link Delay > LMFC Period Example
Figure 61. LMFC_DELAY_x to Compensate for Link Delay > LMFC
The method to select the LMFCDel (Register 0x304) and LMFCVar
(Register 0x306) variables is described in the Link Delay Setup
Example, With Known Delays section and the Link Delay Setup
Example, Without Known Delay section. Note that the setting for
LMFCDel must not equal or exceed the number of PCLK cycles per
LMFC period in the current mode.
Similarly, LMFCVar must not exceed the number of PCLK cycles
per LMFC period in the current mode or be set to <12 (whichever
value is smaller).
Setting LMFCDel appropriately ensures that all the corresponding
data samples arrive in the same LMFC period. Then, LMFCVar is
written into the receive buffer delay (RBD) to absorb all link delay
variation. This write ensures that all data samples arrived before
reading. By setting these to fixed values across runs and devices,
deterministic latency is achieved.
The RBD described in the JESD204B specification takes values
from one frame clock cycle to /K/ frame clock cycles, and the RBD
of the AD9173 takes values from 0 PCLK cycle to 12 PCLK cycles.
As a result, up to 12 PCLK cycles of total delay variation can be
absorbed. LMFCVar and LMFCDel are both in PCLK cycles. The
PCLK factor, or number of frame clock cycles per PCLK cycle, is
equal to 4/f. For more information on this relationship, see the Clock
Relationships section.
Two examples follow that show how to determine LMFCVar and
LMFCDel. After they are calculated, write LMFCDel into Register
0x304 for all devices in the system, and write LMFCVar to Register
0x306 for all devices in the system.
Figure 62. LMFC Delay Calculation Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com