Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9173 Datasheet HTML 23Page - Analog Devices AD9173 Datasheet HTML 24Page - Analog Devices AD9173 Datasheet HTML 25Page - Analog Devices AD9173 Datasheet HTML 26Page - Analog Devices AD9173 Datasheet HTML 27Page - Analog Devices AD9173 Datasheet HTML 28Page - Analog Devices AD9173 Datasheet HTML 29Page - Analog Devices AD9173 Datasheet HTML 30Page - Analog Devices AD9173 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 144 page
background image
Data Sheet
AD9173
THEORY OF OPERATION
analog.com
Rev. C | 27 of 144
Table 13. JESD204B Supported Operating Modes and Interpolation Combinations
Application
JESD204B Operation Modes
Channel Datapath
Main DAC Datapath
Link Modes
JESD204B
Modes
Lanes per
Link
Channels
per DAC
Maximum
Channel Data
Rate (MSPS)1
Channel
Interpolations
Main Datapath
Interpolations
Maximum DAC Rate
(GSPS)2
Dual Channel, 187 MHz
(N = 16 Bits)
Single, dual 7
1
2
192.5
8×
6×, 8×
12.6
Single Channel, 1230
MHz, Dual Tx Cable (N =
16 Bits)
Single, dual 8, 9
4
1
1230
1×
8×, 12×
12.6
Single Channel, 1500
MHz, Dual Tx Cable (N =
11 Bits, NP = 16 Bits)
Single, dual 13, 14
4
1
1540
1×
2×, 4×
6.16
Wideband, 3 GHz (N = 11
Bits, NP = 16 Bits)
Single
15, 16
8
1
3080
1×
1×
3.08
Wideband, 3.4 GHz (N =
11 Bits, NP = 12 Bits)
Single
17
8
1
3400
1×
1×
3.4
1 The maximum data rate is calculated based on a maximum lane rate as listed in Table 7. The data rate is calculated based on the formula lane rate = (10/8) × NP × data
rate × (M/L), where the NP, M, and L values depend on the selected mode.
2 The maximum DAC rate per mode depends on the voltage tolerance as well as the lane rate for a given configuration, as listed in Table 3. The maximum possible lane rate
is as listed in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com