Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 67 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9173 Datasheet HTML 63Page - Analog Devices AD9173 Datasheet HTML 64Page - Analog Devices AD9173 Datasheet HTML 65Page - Analog Devices AD9173 Datasheet HTML 66Page - Analog Devices AD9173 Datasheet HTML 67Page - Analog Devices AD9173 Datasheet HTML 68Page - Analog Devices AD9173 Datasheet HTML 69Page - Analog Devices AD9173 Datasheet HTML 70Page - Analog Devices AD9173 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 144 page
background image
Data Sheet
AD9173
START-UP SEQUENCE
analog.com
Rev. C | 67 of 144
Several steps are required to program the AD9173 to the proper
operating state after the device is powered up. This sequence is
divided into several steps, and is listed in Table 49 to Table 58,
along with an explanation of the purpose of each step. Private
registers are reserved but must be written for proper operation.
Blank cells or cells with a variable or bit field name (in all capital
letters) in Table 49 to Table 58 indicate that the value depends on
the result as described in the Description column.
Table 49. Power-Up and Required Register Writes
R/W
Register
Bits
Value
Description
W
0x000
[7:0]
0x81
Soft reset.
W
0x000
[7:0]
0x3C
Release reset and set to 4-wire SPI (optional; leave at the default of the 3-wire SPI).
W
0x091
[7:0]
0x00
Power up clock receiver.
W
0x206
[7:0]
0x01
Take PHYs out of reset.
W
0x705
[7:0]
0x01
Enable boot loader.
Pause
Wait 1 ms.
W
0x090
[7:0]
0x00
Power on DACs and bias circuitry.
Table 50. DAC PLL Configuration
R/W
Register
Bits
Value
Description
W
0x095
[7:0]
0x00 or 0x01
Bypass PLL. Set to 0x00 to use internal DAC PLL. If the user plans to supply the DAC clock directly, set this
register to 0x01 and execute the following two register writes; then, skip the remaining writes in this table.
W
0x790
[7:0]
0xFF or 0x00
Write this register to 0xFF if bypassing the PLL (Register 0x095 = 0x01). If using the PLL, write this register to
0x00.
W
0x791
[7:0]
0x1F or 0x00
Write this register to 0xFF if bypassing the PLL (Register 0x095 = 0x01) and then skip the remaining register
writes in this table and continue to Table 51. If using the PLL, write this register to 0x00 as well as the remainder
of the register writes in this table.
W
0x796
[7:0]
0xE5
DAC PLL required write.
W
0x7A0
[7:0]
0xBC
DAC PLL required write.
W
0x794
[5:0]
DACPLL_CP
Set DAC PLL charge pump current. The recommended setting is 0x08, but can range from 0x04 to 0x10 for
different phase noise performance targets.
W
0x797
[7:0]
0x10
DAC PLL required write.
W
0x797
[7:0]
0x20
DAC PLL required write.
W
0x798
[7:0]
0x10
DAC PLL required write.
W
0x7A2
[7:0]
0x7F
DAC PLL required write.
Pause
Wait 100 ms.
W
0x799
DAC PLL divider settings.
[7:6]
ADC_CLK_DIVIDER
ADC driver/clock output divide ratio.
0b00 = ÷1.
0b01 = ÷2.
0b10 = ÷3.
0b11 = ÷4.
[5:0]
N_DIVIDER
Programmable N divider. N_DIVIDER = (fDAC × M_DIVIDER)/(8 × reference clock).
W
0x793
DAC PLL divider settings.
[7:2]
0x06
Keep default value for these bits.
[1:0]
M_DIVIDER-1
Programmable predivider M_DIVIDER-1 (in n − 1 notation). The relevant calculation is as follows:
PFD Frequency = reference clock/M_DIVIDER, where 25 MHz ≤ PFD frequency ≤ 770 MHz.
If 9.96 GHz ≤ PLL VCO frequency ≤ 10.87 GHz, must keep 25 MHz ≤ PFD frequency ≤ 225 MHz.
0b00 = ÷1.
0b01 = ÷2.
0b10 = ÷3.
0b11 = ÷4.
W
0x094
[7:2]
0x00
Keep default value for these bits.
1
PLL_VCO_DIV3_EN
Enable PLL output clock to be divided by 3. If this bit is set to 1, DAC clock = PLL VCO frequency/3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com